Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742RI Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # BSP742RI
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742RI Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button BSP742RI Datasheet HTML 9Page - Infineon Technologies AG BSP742RI Datasheet HTML 10Page - Infineon Technologies AG BSP742RI Datasheet HTML 11Page - Infineon Technologies AG BSP742RI Datasheet HTML 12Page - Infineon Technologies AG BSP742RI Datasheet HTML 13Page - Infineon Technologies AG BSP742RI Datasheet HTML 14Page - Infineon Technologies AG BSP742RI Datasheet HTML 15Page - Infineon Technologies AG BSP742RI Datasheet HTML 16Page - Infineon Technologies AG BSP742RI Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
2004-03-16
Page 14
BSP 742 RI
Maximum allowable load inductance
for a single switch off
L = f(IL); Tjstart=150°C, Vbb=13.5V, RL=0Ω
0
100
200
300
400
mA
600
IL
0
500
1000
1500
2000
2500
3000
mH
4000
Typ. status delay time
td(ST) = f(Vbb); Tj = 25°C
0
5
10
15
20
25
V
35
Vbb
0
100
200
300
µs
500
Maximum allowable inductive switch-off
energy, single pulse
EAS = f(IL); Tjstart = 150°C, Vbb = 13,5V
0
100
200
300
400
mA
600
IL
0
200
400
600
mJ
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com