Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742RI Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP742RI
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742RI Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSP742RI Datasheet HTML 2Page - Infineon Technologies AG BSP742RI Datasheet HTML 3Page - Infineon Technologies AG BSP742RI Datasheet HTML 4Page - Infineon Technologies AG BSP742RI Datasheet HTML 5Page - Infineon Technologies AG BSP742RI Datasheet HTML 6Page - Infineon Technologies AG BSP742RI Datasheet HTML 7Page - Infineon Technologies AG BSP742RI Datasheet HTML 8Page - Infineon Technologies AG BSP742RI Datasheet HTML 9Page - Infineon Technologies AG BSP742RI Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2004-03-16
Page 6
BSP 742 RI
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 13,5V, unless otherwise specified
min.
typ.
max.
Input and Status feedback
Input turn-on threshold voltage
VIN(T+)
-
-
2.2
V
Input turn-off threshold voltage
VIN(T-)
0.8
-
-
Input threshold hysteresis
∆VIN(T)
-
0.3
-
Off state input current
VIN = 0.7 V
IIN(off)
1
-
30
µA
On state input current
VIN = 5 V
IIN(on)
1
-
30
Status output (open drain), Zener limit voltage
IST = 1.6 mA
VST(high)
5.4
6.1
-
V
Status output (open drain), ST low voltage
Tj = -40...+25 °C, IST = 1.6 mA
Tj = 150 °C, IST = 1.6 mA
VST(low)
-
-
-
-
0.4
0.6
Status invalid after input slope 1)
td(ST)
-
300
600
µs
Input resistance (see page 8)
RI
1.5
3.5
5
k
Ω
Diagnostic Characteristics
Short circuit detection voltage
VOUT(SC)
-
2.8
-
V
Open load detection voltage
VOUT(OL)
-
3
-
Openload detection current
included in standby current Ibb(off)
IL(OL)
-
5
-
µA
1no delay time after overtemperature switch off and short circuit in on-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com