Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC2114RGHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 17Page - Texas Instruments FDC2114RGHT Datasheet HTML 18Page - Texas Instruments FDC2114RGHT Datasheet HTML 19Page - Texas Instruments FDC2114RGHT Datasheet HTML 20Page - Texas Instruments FDC2114RGHT Datasheet HTML 21Page - Texas Instruments FDC2114RGHT Datasheet HTML 22Page - Texas Instruments FDC2114RGHT Datasheet HTML 23Page - Texas Instruments FDC2114RGHT Datasheet HTML 24Page - Texas Instruments FDC2114RGHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Table 11. Input Deglitch Filter Register
MUX_CONFIG.DEGLITCH (addr 0x1B) REGISTER
CHANNEL(1)
DEGLITCH FREQUENCY
VALUE
ALL
001
1 MHz
ALL
100
3.3 MHz
ALL
101
10 MHz
ALL
011
33 MHz
(1)
Channels 2 and 3 are available for FDC2114 / FDC2214 only.
9.4 Device Functional Modes
9.4.1 Start-up Mode
When the FDC powers up, it enters into Sleep Mode and will wait for configuration. Once the device is
configured, exit Sleep Mode by setting CONFIG.SLEEP_MODE_EN to b0.
It is recommended to configure the FDC while in Sleep Mode. If a setting on the FDC needs to be changed,
return the device to Sleep Mode, change the appropriate register, and then exit Sleep Mode.
9.4.2 Normal (Conversion) Mode
When operating in the normal (conversion) mode, the FDC is periodically sampling the frequency of the
sensor(s) and generating sample outputs for the active channel(s).
9.4.3 Sleep Mode
Sleep Mode is entered by setting the CONFIG.SLEEP_MODE_EN register field to 1. While in this mode, the
register contents are maintained. To exit Sleep Mode, set the CONFIG.SLEEP_MODE_EN register field to 0.
After setting CONFIG.SLEEP_MODE_EN to b0, sensor activation for the first conversion will begin after 16,384
fINT clock cycles. While in Sleep Mode the I2C interface is functional so that register reads and writes can be
performed. While in Sleep Mode, no conversions are performed. In addition, entering Sleep Mode will clear any
error condition and de-assert the INTB pin.
9.4.4 Shutdown Mode
When the SD pin is set to high, the FDC will enter Shutdown Mode. Shutdown Mode is the lowest power state.
To exit Shutdown Mode, set the SD pin to low. Entering Shutdown Mode will return all registers to their default
state.
While in Shutdown Mode, no conversions are performed. In addition, entering Shutdown Mode will clear any
error condition and de-assert the INTB pin. While the device is in Shutdown Mode, is not possible to read to or
write from the device via the I2C interface.
9.4.4.1 Reset
The FDC can be reset by writing to RESET_DEV.RESET_DEV. Conversion will stop and all register values will
return to their default value. This register bit will always return 0b when read.
9.5 Programming
The FDC device uses an I2C interface to access control and data registers.
9.5.1 I2C Interface Specifications
The FDC uses an extended start sequence with I2C for register access. The maximum speed of the I2C
interface is 400 kbit/s. This sequence follows the standard I2C 7-bit slave address followed by an 8-bit pointer
register byte to set the register address. When the ADDR pin is set low, the FDC I2C address is 0x2A; when the
ADDR pin is set high, the FDC I2C address is 0x2B. The ADDR pin must not change state after the FDC exits
Shutdown Mode.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com