Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC2114RGHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 1 Page - Texas Instruments

  FDC2114RGHT Datasheet HTML 1Page - Texas Instruments FDC2114RGHT Datasheet HTML 2Page - Texas Instruments FDC2114RGHT Datasheet HTML 3Page - Texas Instruments FDC2114RGHT Datasheet HTML 4Page - Texas Instruments FDC2114RGHT Datasheet HTML 5Page - Texas Instruments FDC2114RGHT Datasheet HTML 6Page - Texas Instruments FDC2114RGHT Datasheet HTML 7Page - Texas Instruments FDC2114RGHT Datasheet HTML 8Page - Texas Instruments FDC2114RGHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
IN0A
IN0B
IN3A
IN3B
FDC2114 / FDC2214
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
I
2C
I
2C
peripheral
3.3 V
L
Cap
Sensor 0
CLKIN
40 MHz
C
L
Cap
Sensor 3
C
Resonant
circuit driver
Resonant
circuit driver
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
FDC2x1x EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter for Proximity and
Level Sensing Applications
1 Features
3 Description
Capacitive sensing is a low-power, low-cost, high-
1
•
EMI-Resistant Architecture
resolution contactless sensing technique that can be
•
Maximum Output Rates (one active channel):
applied to a variety of applications ranging from
–
13.3 ksps (FDC2112, FDC2114)
proximity detection and gesture recognition to remote
liquid level sensing. The sensor in a capacitive
–
4.08 ksps (FDC2212, FDC2214)
sensing system is any metal or conductor, allowing
•
Maximum Input Capacitance: 250 nF (at 10 kHz
for low cost and highly flexible system design.
with 1 mH inductor)
The main challenge limiting sensitivity in capacitive
•
Sensor Excitation Frequency: 10 kHz to 10 MHz
sensing applications is noise susceptibility of the
•
Number of channels: 2, 4
sensors. With the FDC2x1x innovative EMI resistant
•
Resolution: up to 28 bits
architecture, performance can be maintained even in
presence of high-noise environments.
•
System Noise Floor: 0.3 fF at 100 sps
•
Supply Voltage: 2.7 V to 3.6 V
The FDC2x1x is a multi-channel family of noise- and
EMI-resistant,
high-resolution,
high-speed
•
Power Consumption: Active: 2.1 mA
capacitance-to-digital converters for implementing
•
Low-Power Sleep Mode: 35 uA
capacitive sensing solutions. The devices employ an
•
Shutdown: 200 nA
innovative narrow-band based architecture to offer
high rejection of noise and interferers while providing
•
Interface: I2C
high resolution at high speed. The devices support a
•
Temperature range: -40°C to +125°C
wide excitation frequency range, offering flexibility in
system design. A wide frequency range is especially
2 Applications
useful for reliable sensing of conductive liquids such
as detergent, soap, and ink.
•
Proximity Sensor
•
Gesture Recognition
Device Information(1)
•
Level Sensor for Liquids, including Conductive
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ones such as Detergent, Soap, and Ink
FDC2112, FDC2212 WSON (DNT 12)
4.00 mm x 4.00 mm
•
Collision Avoidance
FDC2114, FDC2214 WQFN (RGH 16)
4.00 mm x 4.00 mm
•
Rain, Fog, Ice, Snow Sensor
(1) For all available packages, see the orderable addendum at
•
Automotive Door and Kick Sensors
the end of the datasheet.
•
Material Size Detection
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - FDC2114RGHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC2114RGHT TI1-FDC2114RGHT Datasheet
1Mb / 61P
EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
More results

Similar Description - FDC2114RGHT

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3771 AMSCO-TCS3771 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL2771 AMSCO-TSL2771 Datasheet
780Kb / 33P
LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL2772 AMSCO-TSL2772 Datasheet
1Mb / 35P
LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
Light-to-Digital Converter with Proximity Sensing
TSL27711 AMSCO-TSL27711 Datasheet
780Kb / 50P
Light-to-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com