Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC2114RGHT Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 34 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 30Page - Texas Instruments FDC2114RGHT Datasheet HTML 31Page - Texas Instruments FDC2114RGHT Datasheet HTML 32Page - Texas Instruments FDC2114RGHT Datasheet HTML 33Page - Texas Instruments FDC2114RGHT Datasheet HTML 34Page - Texas Instruments FDC2114RGHT Datasheet HTML 35Page - Texas Instruments FDC2114RGHT Datasheet HTML 36Page - Texas Instruments FDC2114RGHT Datasheet HTML 37Page - Texas Instruments FDC2114RGHT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
INTB_DIS
HIGH_CURRE
RESERVED
NT_DRV
Table 38. Address 0x1A, CONFIG Field Descriptions
Bit
Field
Type
Reset
Description
15:14
ACTIVE_CHAN
R/W
00
Active Channel Selection
Selects channel for continuous conversions when
MUX_CONFIG.SEQUENTIAL is 0.
b00: Perform continuous conversions on Channel 0
b01: Perform continuous conversions on Channel 1
b10: Perform continuous conversions on Channel 2 (FDC2114,
FDC2214 only)
b11: Perform continuous conversions on Channel 3 (FDC2114,
FDC2214 only)
13
SLEEP_MODE_EN
R/W
1
Sleep Mode Enable
Enter or exit low power Sleep Mode.
b0: Device is active.
b1: Device is in Sleep Mode.
12
RESERVED
R/W
0
Reserved. Set to b1.
11
SENSOR_ACTIVATE_SEL
R/W
1
Sensor Activation Mode Selection.
Set the mode for sensor initialization.
b0: Full Current Activation Mode – the FDC will drive maximum
sensor current for a shorter sensor activation time.
b1: Low Power Activation Mode – the FDC uses the value
programmed in DRIVE_CURRENT_CHx during sensor
activation to minimize power consumption.
10
RESERVED
R/W
0
Reserved. Set to b1.
9
REF_CLK_SRC
R/W
0
Select Reference Frequency Source
b0: Use Internal oscillator as reference frequency
b1: Reference frequency is provided from CLKIN pin.
8
RESERVED
R/W
0
Reserved. Set to b0.
7
INTB_DIS
R/W
0
INTB Disable
b0: INTB pin will be asserted when status register updates.
b1: INTB pin will not be asserted when status register updates
6
HIGH_CURRENT_DRV
R/W
0
High Current Sensor Drive
b0: The FDC will drive all channels with normal sensor current
(1.5mA max).
b1: The FDC will drive channel 0 with current >1.5mA.
This mode is not supported if AUTOSCAN_EN = b1 (multi-
channel mode)
5:0
RESERVED
R/W
00 0001
Reserved Set to b00’0001
9.6.29 Address 0x1B, MUX_CONFIG
Figure 46. Address 0x1B, MUX_CONFIG
15
14
13
12
11
10
9
8
AUTOSCAN_E
RR_SEQUENCE
RESERVED
N
7
6
5
4
3
2
1
0
RESERVED
DEGLITCH
Table 39. Address 0x1B, MUX_CONFIG Field Descriptions
Bit
Field
Type
Reset
Description
15
AUTOSCAN_EN
R/W
0
Auto-Scan Mode Enable
b0: Continuous conversion on the single channel selected by
CONFIG.ACTIVE_CHAN register field.
b1: Auto-Scan conversions as selected by
MUX_CONFIG.RR_SEQUENCE register field.
34
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com