Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC2114RGHT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 33 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 29Page - Texas Instruments FDC2114RGHT Datasheet HTML 30Page - Texas Instruments FDC2114RGHT Datasheet HTML 31Page - Texas Instruments FDC2114RGHT Datasheet HTML 32Page - Texas Instruments FDC2114RGHT Datasheet HTML 33Page - Texas Instruments FDC2114RGHT Datasheet HTML 34Page - Texas Instruments FDC2114RGHT Datasheet HTML 35Page - Texas Instruments FDC2114RGHT Datasheet HTML 36Page - Texas Instruments FDC2114RGHT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Table 36. Address 0x18, STATUS Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
CH3_ UNREADCONV
R
0
Channel 3 Unread Conversion
b0: No unread conversion is present for Channel 3.
b1: An unread conversion is present for Channel 3.
Read Register DATA_CH3 to retrieve conversion results
(FDC2114, FDC2214 only)
9.6.27 Address 0x19, ERROR_CONFIG
Figure 44. Address 0x19, ERROR_CONFIG
15
14
13
12
11
10
9
8
RESERVED
WD_
AH_WARN2OU AL_WARN2OU
RESERVED
ERR2OUT
T
T
7
6
5
4
3
2
1
0
RESERVED
WD_ERR2INT
RESERVED
DRDY_2INT
Table 37. Address 0x19, ERROR_CONFIG
Bit
Field
Type
Reset
Description
15:14
RESERVED
R/W
00
Reserved (set to b000)
13
WD_ ERR2OUT
R/W
0
Watchdog Timeout Error to Output Register
b0: Do not report Watchdog Timeout errors in the DATA_CHx
registers.
b1: Report Watchdog Timeout errors in the
DATA_CHx.CHx_ERR_WD register field corresponding to the
channel that generated the error.
12
AH_WARN2OUT
R/W
0
Amplitude High Warning to Output Register
b0:Do not report Amplitude High warnings in the DATA_CHx
registers.
b1: Report Amplitude High warnings in the
DATA_CHx.CHx_ERR_AW register field corresponding to the
channel that generated the warning.
11
AL_WARN2OUT
R/W
0
Amplitude Low Warning to Output Register
b0: Do not report Amplitude Low warnings in the DATA_CHx
registers.
b1: Report Amplitude High warnings in the
DATA_CHx.CHx_ERR_AW register field corresponding to the
channel that generated the warning.
10:6
RESERVED
R/W
0 0000
Reserved (set to b0 0000)
5
WD_ERR2INT
R/W
0
Watchdog Timeout Error to INTB b0: Do not report Under-range
errors by asserting INTB pin and STATUS register.
b1: Report Watchdog Timeout errors by asserting INTB pin and
updating STATUS.ERR_WD register field.
4:1
Reserved
R/W
0000
Reserved (set to b000)
0
DRDY_2INT
R/W
0
Data Ready Flag to INTB b0: Do not report Data Ready Flag by
asserting INTB pin and STATUS register.
b1: Report Data Ready Flag by asserting INTB pin and updating
STATUS. DRDY register field.
9.6.28 Address 0x1A, CONFIG
Figure 45. Address 0x1A, CONFIG
15
14
13
12
11
10
9
8
ACTIVE_CHAN
SLEEP_MODE
RESERVED
SENSOR_ACTI
RESERVED
REF_CLK_SR
RESERVED
_EN
VATE_SEL
C
7
6
5
4
3
2
1
0
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com