Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208SC6Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # DALC208SC6Y
Description  Automotive low capacitance diode array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208SC6Y Datasheet(HTML) 2 Page - STMicroelectronics

  DALC208SC6Y Datasheet HTML 1Page - STMicroelectronics DALC208SC6Y Datasheet HTML 2Page - STMicroelectronics DALC208SC6Y Datasheet HTML 3Page - STMicroelectronics DALC208SC6Y Datasheet HTML 4Page - STMicroelectronics DALC208SC6Y Datasheet HTML 5Page - STMicroelectronics DALC208SC6Y Datasheet HTML 6Page - STMicroelectronics DALC208SC6Y Datasheet HTML 7Page - STMicroelectronics DALC208SC6Y Datasheet HTML 8Page - STMicroelectronics DALC208SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
DALC208SC6Y
2/12
Doc ID 16362 Rev 1
1
Characteristics
Figure 2.
Electrical characteristics - definitions
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
(1)
Peak pulse voltage
ISO 10605 (C = 150 pF, R = 330
)
Air discharge
Contact discharge
ISO 10605 (C = 330 pF, R = 330
)
Air discharge
Contact discharge
15
8
8
8
kV
VRRM
Peak reverse voltage per diode
9
V
V
REF
Reference voltage gap between VREF2 and VREF1
9V
VIn max.
Maximum operating signal input voltage
VREF2
V
VIn min.
Minimum operating signal input voltage
VREF1
V
Tj
Operating junction temperature range
-40 to +150
°C
Tstg
Storage temperature range
-65 to +150
TL
Maximum junction temperature for soldering during 10 s
260
1.
For a surge greater than the maximum values the diode will fail in short-circuit.
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (1)
500
°C/W
1.
Device mounted on FR4 PCB with recommended footprint dimensions.
I
V
IF
IRM
IR
IPP
VRM
VF
VBR
VCL
Symbol
Parameter
I
=
Leakage current @ V
I
=
Forward current
V
=
Forward voltage drop
RM
RM
F
F
Slope = 1/R
d
Cline
=
Line capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com