Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208SC6Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # DALC208SC6Y
Description  Automotive low capacitance diode array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208SC6Y Datasheet(HTML) 1 Page - STMicroelectronics

  DALC208SC6Y Datasheet HTML 1Page - STMicroelectronics DALC208SC6Y Datasheet HTML 2Page - STMicroelectronics DALC208SC6Y Datasheet HTML 3Page - STMicroelectronics DALC208SC6Y Datasheet HTML 4Page - STMicroelectronics DALC208SC6Y Datasheet HTML 5Page - STMicroelectronics DALC208SC6Y Datasheet HTML 6Page - STMicroelectronics DALC208SC6Y Datasheet HTML 7Page - STMicroelectronics DALC208SC6Y Datasheet HTML 8Page - STMicroelectronics DALC208SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
November 2012
Doc ID 16362 Rev 1
1/12
12
DALC208SC6Y
Automotive low capacitance diode array for ESD protection
Datasheet
production data
Features
■ Protection of 4 lines
■ Peak reverse voltage: VRRM = 9 V per diode
■ Very low capacitance per diode: C < 5 pF
■ Very low leakage current: IR < 1 µA
Benefits
■ Cost effective solution compared with discrete
solution
■ High efficiency in ESD suppression
■ No significant signal distortion thanks to very
low capacitance
■ High reliability offered by monolithic integration
■ Lower PCB area consumption versus discrete
solution
■ AEC-Q101 qualified
Complies with the following standards
■ ISO10605 - C = 150 pF, R = 330 
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ ISO10605 - C = 330 pF, R = 330 
– 8 kV (air discharge)
– 8 kV (contact discharge)
■ ISO7637-3:
– Pulse 3a: Vs = -150V
– Pulse 3b: Vs = +100V
Applications
Where ESD and EOS transient overvoltage
protection in susceptible equipment is required,
such as:
■ Information and entertainment
■ Signal communications
■ Connectivity
■ Comfort and convenience
Figure 1.
Functional diagram (top view)
Description
The DALC208SC6Y diode array is designed to
protect components which are connected to data
and transmission lines from overvoltages caused
by electrostatic discharge (ESD) or other
transients. It is a rail-to-rail protection device also
suited for overshoot and undershoot suppression
on sensitive logic inputs.
The low capacitance of the DALC208SC6Y
prevents significant signal distortion.
1
SOT23-6L
I/O 1
I/O 2
I/O 3
I/O 4
REF 2
REF 1
www.st.com


Similar Part No. - DALC208SC6Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
LOW CAPACITANCE DIODE ARRAY
02-Apr-1000
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
185Kb / 14P
Low capacitance diode array
20-Mar-2008
More results

Similar Description - DALC208SC6Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
Jan-1998
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
Low Capacitance ESD Protection Diode Array
02-Mar-05
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
267Kb / 5P
Ultra-Low Capacitance Diode Array for ESD Protection
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
Low Capacitance TVS Diode Array for ESD Protection
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
Rev 5
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
Low-Capacitance TVS Diode Array for ESD Protection
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
Littelfuse
SC7538-08UTG LITTELFUSE-SC7538-08UTG Datasheet
651Kb / 6P
0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
Low Capacitance Array for ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com