Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208SC6Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # DALC208SC6Y
Description  Automotive low capacitance diode array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208SC6Y Datasheet(HTML) 4 Page - STMicroelectronics

  DALC208SC6Y Datasheet HTML 1Page - STMicroelectronics DALC208SC6Y Datasheet HTML 2Page - STMicroelectronics DALC208SC6Y Datasheet HTML 3Page - STMicroelectronics DALC208SC6Y Datasheet HTML 4Page - STMicroelectronics DALC208SC6Y Datasheet HTML 5Page - STMicroelectronics DALC208SC6Y Datasheet HTML 6Page - STMicroelectronics DALC208SC6Y Datasheet HTML 7Page - STMicroelectronics DALC208SC6Y Datasheet HTML 8Page - STMicroelectronics DALC208SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Technical information
DALC208SC6Y
4/12
Doc ID 16362 Rev 1
2
Technical information
2.1
Surge protection
The DALC208SC6Y is particularly optimized to perform surge protection based on the rail to
rail topology.
The clamping voltage VCL can be calculated as follow:
VCL+ = VREF2 + VF for positive surges
VCL- = VREF1 - VF for negative surges
with
VF = VT + Rd.Ip
(VF forward drop voltage) / (VT forward drop threshold voltage)
We assume that the value of the dynamic resistance of the clamping diode is typically
Rd = 0.7  and VT = 1.2 V.
For an IEC 61000-4-2 surge Level 4 (Contact Discharge: Vg=8 kV, Rg = 330 ), VREF2 = +5 V,
VREF1 = 0 V, and if in first approximation, we assume that: Ip = Vg / Rg  24 A.
So, we find:
–VCL++23 V
–VCL- -18 V
Note:
The calculations do not take into account phenomena due to parasitic inductances.
2.2
Surge protection application example
If we consider that the connections from the pin REF
2 to VCC and from REF1 to GND are
done by two tracks of 10 mm long and 0.5 mm large; we assume that the parasitic
inductances of these tracks are about 6 nH. So when an IEC 61000-4-2 surge occurs, due
to the rise time of this spike (tr = 1 ns), the voltage VCL has an extra value equal to Lw.dI/dt.
The dI/dt is calculated as: dI/dt = Ip/tr  24 A/ns
The overvoltage due to the parasitic inductances is: Lw.dI/dt = 6 x 24
 144V
By taking into account the effect of these parasitic inductances due to unsuitable layout, the
clamping voltage will be:
–V
CL+ = +23 + 144  167 V
–V
CL- = -18 - 144  -162 V
We can reduce as much as possible these phenomena with simple layout optimization.
It’s the reason why some recommendations have to be followed closely. See Section 2.3:
How to ensure good ESD protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com