Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208SC6Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # DALC208SC6Y
Description  Automotive low capacitance diode array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208SC6Y Datasheet(HTML) 5 Page - STMicroelectronics

  DALC208SC6Y Datasheet HTML 1Page - STMicroelectronics DALC208SC6Y Datasheet HTML 2Page - STMicroelectronics DALC208SC6Y Datasheet HTML 3Page - STMicroelectronics DALC208SC6Y Datasheet HTML 4Page - STMicroelectronics DALC208SC6Y Datasheet HTML 5Page - STMicroelectronics DALC208SC6Y Datasheet HTML 6Page - STMicroelectronics DALC208SC6Y Datasheet HTML 7Page - STMicroelectronics DALC208SC6Y Datasheet HTML 8Page - STMicroelectronics DALC208SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DALC208SC6Y
Technical information
Doc ID 16362 Rev 1
5/12
Figure 7.
ESD behavior: parasitic phenomena due to unsuitable layout
2.3
How to ensure good ESD protection
While the DALC208SC6Y provides a high immunity to ESD surge, an efficient protection
depends on the layout of the board. In the same way, with the rail to rail topology, the track
from the V
REF2 pin to the power supply +VCC and from the VREF1 pin to GND must be as short
as possible to avoid over voltages due to parasitic phenomena. See Figure 7.
It’s often harder to connect the power supply near to the DALC208SC6Y unlike the ground
thanks to the ground plane that allows a short connection.
To ensure the same efficiency for positive surges when the connections can’t be short
enough, we recommend putting a capacitance of 100 nF close to the DALC208SC6Y,
between V
REF2 and ground, to prevent these kinds of overvoltage disturbances.
See Figure 8.
The addition of this capacitance will allow a better protection by providing a constant voltage
during a surge.
Figure 9, Figure 10, and Figure 11 show the improvement of the ESD protection according
to the recommendations described above.
Lw
VI/O
ESD
SURGE
REF1=GND
I/O
REF2=+Vcc
Vf
Lw di
dt
Lw di
dt
Vcl+ = Vcc+Vf+Lw
di
dt
surge >0
-Vf- Lw
di
dt
surge <0
Vcl- =
t
tr=1ns
Vcc+Vf
Lw di
dt
Vcl+
POSITIVE
SURGE
167V
-Lw
di
dt
t
tr=1ns
-Vf
Vcl-
NEGATIVE
SURGE
-162V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com