Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDASCY Datasheet(PDF) 10 Page - STMicroelectronics

Part # ESDASCY
Description  Automotive quad Transil™ array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDASCY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ESDASCY Datasheet HTML 4Page - STMicroelectronics ESDASCY Datasheet HTML 5Page - STMicroelectronics ESDASCY Datasheet HTML 6Page - STMicroelectronics ESDASCY Datasheet HTML 7Page - STMicroelectronics ESDASCY Datasheet HTML 8Page - STMicroelectronics ESDASCY Datasheet HTML 9Page - STMicroelectronics ESDASCY Datasheet HTML 10Page - STMicroelectronics ESDASCY Datasheet HTML 11Page - STMicroelectronics ESDASCY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Recommendation on PCB assembly
ESDASCY
10/12
Doc ID 022084 Rev 1
5.3
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.
5.4
Reflow profile
Figure 16.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6°C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com