Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDASCY Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDASCY
Description  Automotive quad Transil™ array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDASCY Datasheet(HTML) 5 Page - STMicroelectronics

  ESDASCY Datasheet HTML 1Page - STMicroelectronics ESDASCY Datasheet HTML 2Page - STMicroelectronics ESDASCY Datasheet HTML 3Page - STMicroelectronics ESDASCY Datasheet HTML 4Page - STMicroelectronics ESDASCY Datasheet HTML 5Page - STMicroelectronics ESDASCY Datasheet HTML 6Page - STMicroelectronics ESDASCY Datasheet HTML 7Page - STMicroelectronics ESDASCY Datasheet HTML 8Page - STMicroelectronics ESDASCY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ESDASCY
Characteristics
Doc ID 022084 Rev 1
5/12
Figure 10.
ISO7637-2 pulse 3a response (VS = -150 V)
Figure 11.
ISO7637-2 pulse 3b response (VS = 100 V)
-10
15
10
5
0
-5
Voltage (V)
Voltage
ESDA25SC6Y
ESDA14V2SC5Y
ESDA25SC6Y
ESDA14V2SC5Y
-2
0.5
-0.5
-1
-1.5
Current
Current (A)
Time (µs)
-0.5
0.0
0.5
1.0
1.5
2.0
20
Time (µs)
-0.5
0.5
1.5
2.5
4.5
3.5
0
40
30
Voltage (V)
Voltage
ESDA25SC6Y
ESDA14V2SC5Y
ESDA25SC6Y
ESDA14V2SC5Y
Current
Current (A)
Time (µs)
-0.2
0.8
1.8
50
Time (µs)
0
20
10
-0.2
0.8
1.8
1.2
0.8
1.6
-0.4
0.4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com