Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDASCY Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDASCY
Description  Automotive quad Transil™ array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDASCY Datasheet(HTML) 1 Page - STMicroelectronics

  ESDASCY Datasheet HTML 1Page - STMicroelectronics ESDASCY Datasheet HTML 2Page - STMicroelectronics ESDASCY Datasheet HTML 3Page - STMicroelectronics ESDASCY Datasheet HTML 4Page - STMicroelectronics ESDASCY Datasheet HTML 5Page - STMicroelectronics ESDASCY Datasheet HTML 6Page - STMicroelectronics ESDASCY Datasheet HTML 7Page - STMicroelectronics ESDASCY Datasheet HTML 8Page - STMicroelectronics ESDASCY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
September 2012
Doc ID 022084 Rev 1
1/12
12
ESDASCY
Automotive quad Transil™ array for ESD protection
Datasheet
production data
Features
■ 4 unidirectional Transil functions
■ Low leakage current: IR max. < 20 µA at VRM
■ 400 W peak pulse power (8/20 µs)
Benefits
■ High EOS and ESD protection levels
■ High integration
■ Suitable for high density boards
■ AEC-Q101 qualified
Complies with the following standards:
■ ISO 10605: C = 150 pF, R = 330 
– 30 kV (air discharge)
– 30 kV (contact discharge)
■ ISO 10605: C = 330 pF, R = 330 
– 30 kV (air discharge)
– 30 kV (contact discharge)
■ ISO 7637-2
– Pulse 1: VS = -100 V
– Pulse 2a: VS = +50 V
– Pulse 3a: VS = -150 V
– Pulse 3b: VS = +100 V
Applications
Where ESD and EOS transient overvoltage
protection in susceptible equipment is required,
such as:
■ Information - entertainment
■ Signal communications
■ Connectivity
■ Comfort and convenience
TM: Transil is a trademark of STMicroelectronics.
Figure 1.
ESDA14V2SC5Y configuration
Figure 2.
ESDA6V1SC6Y and ESDA25SC6Y
configuration
Description
The ESDASCY devices are monolithic voltage
suppressors designed to protect components
which are connected to data and transmission
lines against ESD.
They clamp the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transient.
SOT23-5L (SC-59)
SOT23-6L (SC-59)
1
2
3
5
4
1
2
3
6
5
4
www.st.com


Similar Part No. - ESDASCY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA-1K STMICROELECTRONICS-ESDA-1K Datasheet
167Kb / 10P
EOS and ESD Transil™ protection for charger and battery port
02-Sep-2010
logo
Shanghai Leiditech Elec...
ESDA05 LEIDITECH-ESDA05 Datasheet
891Kb / 5P
Electrical Specification
ESDA0504CW LEIDITECH-ESDA0504CW Datasheet
188Kb / 3P
Quad TVS Diode Array
ESDA0504T5 LEIDITECH-ESDA0504T5 Datasheet
127Kb / 3P
USB 2.0 power and data line
ESDA0505CT6 LEIDITECH-ESDA0505CT6 Datasheet
178Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
More results

Similar Description - ESDASCY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
ESDALY STMICROELECTRONICS-ESDALY_V01 Datasheet
342Kb / 12P
Automotive dual Transil™ array for ESD protection
20-Jul-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com