Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDASCY Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDASCY
Description  Automotive quad Transil™ array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDASCY Datasheet(HTML) 4 Page - STMicroelectronics

  ESDASCY Datasheet HTML 1Page - STMicroelectronics ESDASCY Datasheet HTML 2Page - STMicroelectronics ESDASCY Datasheet HTML 3Page - STMicroelectronics ESDASCY Datasheet HTML 4Page - STMicroelectronics ESDASCY Datasheet HTML 5Page - STMicroelectronics ESDASCY Datasheet HTML 6Page - STMicroelectronics ESDASCY Datasheet HTML 7Page - STMicroelectronics ESDASCY Datasheet HTML 8Page - STMicroelectronics ESDASCY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
ESDASCY
4/12
Doc ID 022084 Rev 1
Note:
ISO7637-2 pulse responses are not applicable for products with a breakdown voltage lower
than the average battery voltage (13.5 V) like ESDA6V1SC6Y.
Figure 8.
ISO7637-2 pulse 1 response (VS = -100 V)
Figure 9.
ISO7637-2 pulse 2a response (VS = 50 V)
-10
15
10
5
0
-5
Voltage (V)
Voltage
ESDA25SC6Y
ESDA14V2SC5Y
ESDA25SC6Y
ESDA14V2SC5Y
-15
5
0
-5
-10
Current
Current (A)
Time (ms)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0
50
40
30
20
10
Voltage (V)
Voltage
ESDA25SC6Y
ESDA14V2SC5Y
ESDA25SC6Y
ESDA14V2SC5Y
-4
12
8
4
0
Current
Current (A)
Time (µs)
-20
020
40
60
80
100
16
Time (µs)
-20
020
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com