Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32-WMC6TP Datasheet(PDF) 11 Page - STMicroelectronics

Part # M35B32-WMC6TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC6TP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M35B32-WMC6TP Datasheet HTML 7Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 8Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 9Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 10Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 11Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 12Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 13Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 14Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
DocID18391 Rev 4
11/44
M35B32
SPI modes
43
Figure 4. Bus master and memory devices on the SPI bus
Note:
1
The /W and /RESET inputs are CMOS inputs and have also to be driven high or low if/when the SPI
bus master leaves the lines in high impedance. This has to be done with the help of pull up or pull
down resistors (depending on the application requirements).
Figure 4 shows an example of three devices connected to an MCU, on an SPI bus. Only
one device is selected at a time, so only one device drives the Serial Data Output (Q) line at
a time, the other devices are high impedance.
A pull-up resistor connected on each /S input (represented in Figure 4) ensures that each
slave device on the SPI bus is not selected if the bus master leaves the /S line in the high
impedance state.
In applications where the bus master might enter a state where all inputs/outputs SPI lines
are in high impedance at the same time (for example, if the Bus Master is reset during the
transmission of an instruction), the clock line (C) must be connected to an external pull-
down resistor so that, if all inputs/outputs become high impedance, the C line is pulled low
(while the S line is pulled high). This ensures that S and C do not become high at the same
time, and so, that the tSHCH requirement is met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com