Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32-WMC6TP Datasheet(PDF) 28 Page - STMicroelectronics

Part # M35B32-WMC6TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC6TP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M35B32-WMC6TP Datasheet HTML 24Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 25Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 26Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 27Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 28Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 29Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 30Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 31Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Instructions
M35B32
28/44
DocID18391 Rev 4
6.11
Sector Erase (SE)
The M35B32 offers two sectors: the Data sector and the Event sector.
The Sector Erase (SE) instruction sets to 1 (FFh) all bits inside the chosen sector:
•
when the transmitted address is inside the Event sector, the data in the Event sector
are erased if the W pin is driven high
•
when the transmitted address is inside the Data sector, the data in the top pages are
erased (whatever the state of the W pin)
•
when the transmitted address is above 1000h: no action
Before it can be accepted, a Write Enable (WREN) instruction must previously have been
executed.
After the Write Enable, the Sector Erase (SE) instruction is entered by driving Chip Select
(S) low, followed by the instruction code, and two address bytes on Serial Data Input (D).
Any address inside the Sector is a valid address for the Sector Erase (SE) instruction. Chip
Select (S) must be driven low for the entire duration of the sequence.
The instruction sequence is shown in Figure 16.
Chip Select (S) must be driven high after the eighth bit of the last address byte has been
latched in, otherwise the Sector Erase (SE) instruction is not executed. As soon as Chip
Select (S) is driven high, the self-timed Sector Erase cycle (whose duration is tSE) is
initiated. While the Sector Erase cycle is in progress, the Status Register may be read to
check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is at 1
during the self-timed Sector Erase cycle, and it is at 0 when the cycle is complete. The Write
Enable Latch (WEL) bit is also reset (or not) once the self-timed Sector Erase cycle is
complete, depending on the logical level applied on the W input pin and the value of the
decoded address, as shown in Table 4.
A Sector Erase (SE) instruction applied to a sector that contains a page that is Hardware
Protected is not executed.
Any Sector Erase (SE) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
Figure 16. Sector Erase (SE) instruction sequence
1. Address bits A15 to A12 are Don’t Care.
16-bit address
C
D
AI15476
S
2
1
3456789
29 30 31
Instruction
0
15 14
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com