Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32-WMC6TP Datasheet(PDF) 33 Page - STMicroelectronics

Part # M35B32-WMC6TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC6TP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M35B32-WMC6TP Datasheet HTML 29Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 30Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 31Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 32Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 33Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 34Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 35Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 36Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
DocID18391 Rev 4
33/44
M35B32
DC and AC parameters
43
1. Sampled only, not 100% tested, at TA=25°C.
Table 9. Capacitance
Symbol
Parameter
Test condition
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN
Input capacitance (other pins)
VIN = 0 V
-
6
pF
Table 10. DC characteristics(1)
1. Preliminary data.
Symbol
Parameter
Test condition
(in addition to those in Table 6)
Min.
Max.
Unit
ILI
Input leakage current
-
-
± 2
µA
ILO
Output leakage current
-
-
± 2
µA
ICC1
Standby current
(Standby and Reset
modes)
S = VCC, VIN = VSS or VCC
-5
µA
ICC3
Operating current (Read)
C = 0.1VCC / 0.9.VCC at 10 MHz,
Q = open
-4
mA
ICC4
Operating current (Write
or Program)
S = VCC
-4(2)
2. Characterized only, not tested in production.
mA
VIL
Input low voltage
-
– 0.5
0.3VCC
V
VIH
Input high voltage
-
0.7VCC VCC+0.4
V
VOL
Output low voltage
IOL = 1.6 mA
-
0.4
V
VOH
Output high voltage
IOH = -0.4 mA
0.8 VCC
-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com