Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35B32-WMC6TP Datasheet(PDF) 27 Page - STMicroelectronics

Part # M35B32-WMC6TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC6TP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M35B32-WMC6TP Datasheet HTML 23Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 24Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 25Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 26Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 27Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 28Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 29Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 30Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
DocID18391 Rev 4
27/44
M35B32
Instructions
43
6.10
Page Erase (PE)
The Page Erase (PE) instruction is mostly dedicated to the Event sector, as this sector must
be erased before executing a Page Program instruction (fast programming time).
The Page Erase instruction resets to 1 (FFh) all bits inside the chosen page. Before it can
be accepted, a Write Enable (WREN) instruction must have been executed previously. After
the Write Enable (WREN) instruction has been decoded, the device sets the Write Enable
Latch (WEL).
The Page Erase (PE) instruction is entered by driving Chip Select (S) low, followed by the
instruction code, and two address bytes on Serial Data Input (D). Any address inside the
Page is a valid address for the Page Erase (PE) instruction. Chip Select (S) must be driven
low for the entire duration of the sequence.
The instruction sequence is shown in Figure 15.
Chip Select (S) must be driven high after the eighth bit of the last address byte has been
latched in, otherwise the Page Erase (PE) instruction is not executed. As soon as Chip
Select (S) is driven high, the self-timed Page Erase cycle (whose duration is tPE) is initiated.
While the Page Erase cycle is in progress, the Status Register may be read to check the
value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is at 1 during the
self-timed Page Erase cycle, and it is at 0 when the cycle is complete. The Write Enable
Latch (WEL) bit is also reset (or not) once the self-timed Page Earse cycle is complete,
depending on the logical level applied on the W input pin and the value of the decoded
address, as shown in Table 4).
A Page Erase (PE) instruction applied to a page in Event sector that is Hardware Protected
is not executed.
Any Page Erase (PE) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
Figure 15. Page Erase (PE) instruction sequence
3. Address bits A15 to A12 are Don’t Care.
16-bit address
C
D
AI15475
S
2
1
3456789
29 30 31
Instruction
0
15 14
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com