Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD41 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLD41
Description  White LED driver for mid-size LCD display backlight
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD41 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLD41 Datasheet HTML 3Page - STMicroelectronics STLD41 Datasheet HTML 4Page - STMicroelectronics STLD41 Datasheet HTML 5Page - STMicroelectronics STLD41 Datasheet HTML 6Page - STMicroelectronics STLD41 Datasheet HTML 7Page - STMicroelectronics STLD41 Datasheet HTML 8Page - STMicroelectronics STLD41 Datasheet HTML 9Page - STMicroelectronics STLD41 Datasheet HTML 10Page - STMicroelectronics STLD41 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STLD41
Electrical characteristics
Doc ID 022283 Rev 5
7/19
5
Electrical characteristics
CIN = 10 µF, COUT = 2.2 µF, L = 47 µH / 1.25 A, RSENSE = 1.3 Ω, TA = 25 °C, VIN = 5.5 V typ.
Values are at 25 °C, unless otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Input operating supply
voltage
3.0
21
V
IO
Output current
adjustment range
VIN = 3.0 V to 5.0 V; VOUT = 38 V
40
mA
VIN = 5.0 V to 7.0 V; VOUT = 38 V
78
VIN = 7.0 V to 18 V; VOUT = 38 V
120
VOUT
Regulated voltage range
VIN = 3.0 V to 21 V
1.15*VIN
38
V
IPEAK
Inductor peak current
VIN = 3 V, VOUT = 38 V
2
A
ΔIO
Output current variation
VIN = 3 V, ILED = 120 mA
-10
10
%
IQ
Quiescent current in
Standby mode
EN = LOW, VIN = 5.5 V
1
µA
VFB
Feedback voltage
ILED = 120 mA, PWM_IN=HIGH
144
160
176
mV
VFBMIN Min. feedback voltage
PWM_IN = 30 kHz, duty cycle = 10%
35
mV
fs
Frequency
VIN = 3.0 V
1.4
MHz
ν
Efficiency of the chip itself
(1)
VIN = 7 to 21 V, IO = 120 mA,
VO = 10 x VFLED_max+VRSENSE = 38 V
87
%
ν
Efficiency of the whole
application (2)
VIN = 3 to 21 V, IO = 78 mA
79
%
OVP
Output overvoltage
protection
VIN = 21 V, No load
40
V
OTP
Overtemperature
protection
VIN = 21 V
140
°C
OTHYST
Overtemperature
hysteresis
VIN = 21 V
20
°C
VIL
Low and high level input
logic signal on EN pin
VIN = 3.0 V to 21 V
00.4
V
VIH
1.4
VI
IENHIGH Enable input current
VIN = 3.0 V to 21 V, VEN = 21 V
10
µA
TON
LED current rise time ILED
= 0 to ILED = max
VIN = 10 V
1
ms
fPWM
PWM dimming signal
frequency
VIN = 3.0 V to 21 V
25
50
kHz
VPWM
PWM signal level
VIN = 3.0 V to 21 V
1.4
5.5
V
1.
Calculated as (VOUT*ILED)/(VIN*IIN), guaranteed by design
2.
Calculated as (VLED*ILED)/(VIN*IIN), guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com