Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD41 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLD41
Description  White LED driver for mid-size LCD display backlight
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD41 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLD41 Datasheet HTML 6Page - STMicroelectronics STLD41 Datasheet HTML 7Page - STMicroelectronics STLD41 Datasheet HTML 8Page - STMicroelectronics STLD41 Datasheet HTML 9Page - STMicroelectronics STLD41 Datasheet HTML 10Page - STMicroelectronics STLD41 Datasheet HTML 11Page - STMicroelectronics STLD41 Datasheet HTML 12Page - STMicroelectronics STLD41 Datasheet HTML 13Page - STMicroelectronics STLD41 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Selection of external components
STLD41
10/19
Doc ID 022283 Rev 5
7.4
RSENSE value
RSENSE = VREF1 / ILED
If using a typical setting of ILED = 120 mA, VREF1 = 160 mV, and RSENSE = 1.3 Ω, the resistor
must be rated for a power dissipation of 1.3 x 0.12² W = 0.02 W.
7.5
PCB layout
Because the STLD41 is a powerful switched device, the PCB must be designed in line with
rules for designing switched supplies. It is recommended to use a two-layer PCB. The power
wirings must be as short as possible and wide. Place all external components close to the
STLD41 device. High-energy switched loops should be as small as possible to reduce EMI.
Most LEDs need cooling, which can be attained utilizing a defined copper area on the PCB.
Use the reference guide for each LED to design the heatsink. Place the RSENSE resistor as
close as possible to pin 2 and ground of the system. The ground of the system is
represented by the size of the area created by the connections GND-PGDN-GNDCIN-
GNDCOUT. When a change of PCB layer is needed, use sufficient vias. During routing, the
PCB must be focused on the minimum area of the application ground; the smaller the
ground area of the DC-DC converter(a), the better the stability and there will be fewer noise
issues. It is recommended to place the copper plate connected through the vias to the
exposed pad to the bottom layer to create the heatsink of the device.
a.
The application ground area is represented by the area which is created by the ground pins of the CIN, COUT,
and ground of the DEVICE and GND connection of the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com