Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD41 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLD41
Description  White LED driver for mid-size LCD display backlight
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD41 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLD41 Datasheet HTML 9Page - STMicroelectronics STLD41 Datasheet HTML 10Page - STMicroelectronics STLD41 Datasheet HTML 11Page - STMicroelectronics STLD41 Datasheet HTML 12Page - STMicroelectronics STLD41 Datasheet HTML 13Page - STMicroelectronics STLD41 Datasheet HTML 14Page - STMicroelectronics STLD41 Datasheet HTML 15Page - STMicroelectronics STLD41 Datasheet HTML 16Page - STMicroelectronics STLD41 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STLD41
Typical performance characteristics
Doc ID 022283 Rev 5
13/19
8
Typical performance characteristics
Figure 7.
Eff. vs. VIN, 6 x 6 LEDs, VOUT = 24 V Figure 8.
Eff. vs. VIN, 5 x 7 LEDs, VOUT = 27 V
Figure 9.
Eff. vs. VIN, matrix 4 x 9 LEDs,
VOUT = 33 V
Figure 10.
Application eff. vs. VIN, matrix 4 x
10 LEDs
Figure 11.
Output current regulation at 4 x 10
LEDs
Figure 12.
VFB vs. PWM 25 kHz, VIN = 5.5 V,
IOUTset = 120 mA
50
55
60
65
70
75
80
85
90
95
100
567
8
9
10111213
14
15
16
17
18
19
20
21
22
VIN [V]
IOUT=120m
IOUT=81mA
IOUT=66mA
IOUT=51mA
IOUT=35mA
IOUT=25mA
IOUT=15mA
50
55
60
65
70
75
80
85
90
95
100
567
8
910
11
12
13
14
15
16
17
18
19
20
21
22
VIN [V]
IOUT=120mA
IOUT=81mA
IOUT=66mA
IOUT=51mA
IOUT=35mA
IOUT=25mA
IOUT=15mA
50
55
60
65
70
75
80
85
90
95
100
567
8
9
10111213
14
15
16
17
18
19
20
21
22
VIN [V]
IOUT=120mA
IOUT=81mA
IOUT=66mA
IOUT=51mA
IOUT=35mA
IOUT=25mA
IOUT=15mA
50
55
60
65
70
75
80
85
90
95
2
3
456
7
8
910 11 12 13 14 15 16 17 18 19 20 21 22
VIN [V]
0
200
400
600
800
1000
1200
IOUT=120mA
IOUT=78mA
IOUT=25mA
IIN@120mA
IIN@78mA
IIN@25mA
10
20
30
40
50
60
70
80
90
100
110
120
130
140
2
3
45
67
8
910 11 12 13 14 15 16 17 18 19 20 21 22
VIN [V]
120mA / Rsense=1R3
100mA / Rsense=1R6
50mA / Rsense=3R3
20mA / Rsense=8R2
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
010
20
30
40506070
8090
100
DC [%]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com