Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD41 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLD41
Description  White LED driver for mid-size LCD display backlight
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD41 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLD41 Datasheet HTML 5Page - STMicroelectronics STLD41 Datasheet HTML 6Page - STMicroelectronics STLD41 Datasheet HTML 7Page - STMicroelectronics STLD41 Datasheet HTML 8Page - STMicroelectronics STLD41 Datasheet HTML 9Page - STMicroelectronics STLD41 Datasheet HTML 10Page - STMicroelectronics STLD41 Datasheet HTML 11Page - STMicroelectronics STLD41 Datasheet HTML 12Page - STMicroelectronics STLD41 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STLD41
Selection of external components
Doc ID 022283 Rev 5
9/19
7
Selection of external components
7.1
CIN selection
It is recommended to use 10 µF as the input capacitor to achieve good stability of the device
and low noise on the VIN track.
7.2
COUT selection
It is recommended to use 2.2 µF as the optimal value of output capacitor to achieve the best
compromise between output voltage ripple and load transient response. The output ripple
can be checked using the equation for step-up architecture:
Equation 1
7.3
Inductor selection
A thin shielded inductor with a low DC series winding resistance is recommended for this
application. To achieve good efficiency in step-up mode, it is recommended to use an
inductor with a DC series resistance RDCL = RD / 10 [Ω, Ω, 1], where RD is the dynamic
resistance of the LED [
Ω, Ω, 1].
For nominal operation, the peak inductor current can be calculated using this formula:
Equation 2
where:
IPEAK = Peak inductor current
IOUT = Current sourced at the VOUT pin
n
= Efficiency of the STLD41
VOUT = Output voltage at the VOUT pin
VIN
= Input voltage at the VBAT-pin
L
= Inductance value of the inductor
f
= Switching frequency
For optimal performance of the STLD41 device, is recommended to use an inductor value of
47 µH or higher with low serial resistance and relevant saturation current calculated from the
equation above.
()
[]
Hz
,
F
,
V
,
A
;
V
f
V
C
100
*
V
V
I
V
2
OUT
OUT
)
MIN
(
IN
OUT
)
MAX
(
OUT
PK
PK
∗
∗
−
∗
=
−
()
IN
OUT
2
OUT
2
IN
IN
OUT
OUT
PEAK
V
V
V
f
L
2
V
V
V
n
I
I
∗
∗
∗
∗
∗
−
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com