Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25JR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLED25JR
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25JR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLED25JR Datasheet HTML 4Page - STMicroelectronics STLED25JR Datasheet HTML 5Page - STMicroelectronics STLED25JR Datasheet HTML 6Page - STMicroelectronics STLED25JR Datasheet HTML 7Page - STMicroelectronics STLED25JR Datasheet HTML 8Page - STMicroelectronics STLED25JR Datasheet HTML 9Page - STMicroelectronics STLED25JR Datasheet HTML 10Page - STMicroelectronics STLED25JR Datasheet HTML 11Page - STMicroelectronics STLED25JR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical characteristics
STLED25
8/30
Doc ID 022323 Rev 3
4
Electrical characteristics
- 30 °C < TA < 85 °C, VIN = 3.7 V; VOUT = 7.5 V, EN13 = EN45 = VIN, typical values are at
TA = 25 °C, unless otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VIN
Operating input voltage
2.3
3.7
5.5
V
Iq
Shutdown mode
EN13 = EN45 = 0
0.5
2
µA
VUVLO
Undervoltage lockout
threshold
VIN rising
1.9
2.0
V
VIN falling
1.7
1.8
fSW
Switching frequency
2.25
2.5
2.75
MHz
IOUT
Continuous output current (1)
VIN = 2.5 V, VOUT = 6.2 V
125
mA
IPK
Inductor peak current
550
650
mA
ν
Application efficiency (1)
(VIN = 3.7 V; VOUT = 6.2 V;
see application schematic)
IOUT = 50 mA
84
%
IOUT = 75 mA
86
IOUT = 100 mA
86
ν
DC-DC
DC-DC converter efficiency
IOUT = 100 mA
88
VOVP
Overvoltage protection
8.8
9.05
9.3
V
OVPHYST
Overvoltage protection
hysteresis
250
mV
TSHDN
Thermal shutdown
150
°C
Hysteresis
20
°C
LEDs current
ID1-D5
Current matching
-5.5
+5.5
%
VSCP
Short-circuit protection on
LEDs
Measured on the Dx pins
1.28
V
ILED
Absolute channel accuracy
5 mA < ILED < 25 mA,
VIN = 2.5 V to 5.5 V
-7.5
+7.5
%
2.5 mA < ILED < 5 mA,
VIN = 2.5 V to 5.5 V
-10
10
%
ISET
Voltage reference
RSET = 200 k to 15 k
1.28
V
Current mirror
ILED / ISET
390
A/A
VCSH
Current source headroom
voltage
135
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com