Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25JR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLED25JR
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25JR Datasheet(HTML) 1 Page - STMicroelectronics

  STLED25JR Datasheet HTML 1Page - STMicroelectronics STLED25JR Datasheet HTML 2Page - STMicroelectronics STLED25JR Datasheet HTML 3Page - STMicroelectronics STLED25JR Datasheet HTML 4Page - STMicroelectronics STLED25JR Datasheet HTML 5Page - STMicroelectronics STLED25JR Datasheet HTML 6Page - STMicroelectronics STLED25JR Datasheet HTML 7Page - STMicroelectronics STLED25JR Datasheet HTML 8Page - STMicroelectronics STLED25JR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
This is information on a product in full production.
May 2012
Doc ID 022323 Rev 3
1/30
30
STLED25
5 channels step-up white LED driver
Datasheet
production data
Features
Operating input voltage range from 2.3 V to
5.5 V
± 7.5% LED current accuracy
Two LEDs in series per channel
High side current source
Up to 125 mA of total LED current
86% efficiency at 100 mA
PWM dimming with automatic shutdown time
window
2.5 MHz switching frequency
CSP 12 bumps 0.4 mm. pitch 1.4 x 1.8 mm.
Applications
LCD backlight with up to 10 LEDs
Cellular phones
PDAs
Description
The STLED25 is a fixed frequency, high efficiency,
boost DC-DC converter with five parallel high side
current sources. It is capable of providing 125 mA
of total current with a maximum voltage of 7.5 V
on each channel. Each current source supports
single or dual LED connection. The output voltage
of the step-up converter is automatically set at
100 mV above the highest voltage required on
any driver, to guarantee proper operation of the
linear current sources. The device implements a
self-test feature to detect failure of any of the
LEDs and to disable the related channel. The
failure status is reset as soon the IC is disabled.
This mode of failure detection allows the device to
continue operating driver channels that are
functioning normally, while avoiding excessive
power consumption or associated thermal issues.
The control technique is able to maintain the
efficiency close to 87% at medium load and
higher than 85% at light or full load. The device
also includes soft-start control, inrush current
limit, thermal shutdown and inductor peak current
limit. The STLED25 is packaged in a 12-bump
CSP (1.4 x 1.8 mm, 0.5 mm height).
Flip-Chip 12 bumps (1.4 x 1.8 mm.)
Table 1.
Device summary
Order code
Package
Packaging
STLED25JR
Flip-Chip12
Tape and reel
www.st.com


Similar Part No. - STLED25JR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S Datasheet
82Kb / 4P
Serial-Interfaced 6-Digit LED controller with key scan
07-Feb-2007
STLED316S STMICROELECTRONICS-STLED316S Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
STLED316SMTR STMICROELECTRONICS-STLED316SMTR Datasheet
82Kb / 4P
Serial-Interfaced 6-Digit LED controller with key scan
07-Feb-2007
STLED316SMTR STMICROELECTRONICS-STLED316SMTR Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
STLED316S STMICROELECTRONICS-STLED316S_08 Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
More results

Similar Description - STLED25JR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
White LED Driver Constant Current Step-up Converter
April 5, 2005
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
White LED Driver Constant Current Step-up Converter
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
Step Up Converter for White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
logo
Monolithic Power System...
MP3389 MPS-MP3389 Datasheet
391Kb / 16P
12?밪tring, Step-up White LED Driver
logo
Exar Corporation
SP6699 EXAR-SP6699 Datasheet
504Kb / 12P
27V Step Up White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Exar Corporation
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
27V Step Up White LED Driver
logo
Will Semiconductor Ltd.
WD3139 WILLSEMI-WD3139 Datasheet
1Mb / 13P
High Efficiency, 38V Step-Up White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com