Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25JR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLED25JR
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25JR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLED25JR Datasheet HTML 11Page - STMicroelectronics STLED25JR Datasheet HTML 12Page - STMicroelectronics STLED25JR Datasheet HTML 13Page - STMicroelectronics STLED25JR Datasheet HTML 14Page - STMicroelectronics STLED25JR Datasheet HTML 15Page - STMicroelectronics STLED25JR Datasheet HTML 16Page - STMicroelectronics STLED25JR Datasheet HTML 17Page - STMicroelectronics STLED25JR Datasheet HTML 18Page - STMicroelectronics STLED25JR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
STLED25
Typical application performance
Doc ID 022323 Rev 3
15/30
5.11
Inductor peak current
Figure 14.
Inductor peak current at TA = 25 °C
5.12
Maximum continues output current
Figure 15.
Maximum output current at TA = 25 °C
AM09932v1
0
50
100
150
200
250
300
350
400
450
500
550
600
650
1.5
1.9
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
5.9
VIN [V]
AM09933v1
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
1.5 1.9 2.3 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5 5.9
VIN [V]
25kOhm/100mA
20kOhm/125mA
15kOhm/170mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com