Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25JR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLED25JR
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25JR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLED25JR Datasheet HTML 16Page - STMicroelectronics STLED25JR Datasheet HTML 17Page - STMicroelectronics STLED25JR Datasheet HTML 18Page - STMicroelectronics STLED25JR Datasheet HTML 19Page - STMicroelectronics STLED25JR Datasheet HTML 20Page - STMicroelectronics STLED25JR Datasheet HTML 21Page - STMicroelectronics STLED25JR Datasheet HTML 22Page - STMicroelectronics STLED25JR Datasheet HTML 23Page - STMicroelectronics STLED25JR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Application information
STLED25
20/30
Doc ID 022323 Rev 3
7
Application information
7.1
External passive components
7.1.1
Inductor selection
The inductor is the key passive component for switching converters.
For the STLED25, an inductance of 4.7 µH is recommended. It is very important to select
the right inductor according to the maximum current the inductor can handle to avoid
saturation. The peak current for the step-up can be calculated with the following formula:
Equation 2
where:
VOUT: step-up output voltage. The boost control loop keeps it 135 mV higher than the
maximum among VD1-D5
IOUT: total output current
VIN: input voltage of STLED25
fs: switching frequency. Use the minimum value of 2.25 MHz for the worst case
η: efficiency of step-up converter. It is 0.87 at 75 mA load
7.1.2
Input and output capacitor selection
It is recommended to use ceramic capacitors with low ESR as input and output capacitors in
order to filter any disturbance present in the input line and to maintain stable operation of the
step-up converter. A minimum real capacitance value of 1 µF must be guaranteed for CIN
and 4.2 µF COUT in all conditions.
L
fs
V
2
)
VIN
V
(
VIN
VIN
I
V
I
OUT
MIN
OUT
MIN
MIN
OUT
OUT
BOOST
PEAK
×
×
×
−
×
+
×
η
×
=
−
Table 7.
List of recommended inductors
Manufacturer
Part number
Inductance
[µH]
Saturation current [A]
Size [mm]
Samsung
CIG21K4R7SCE
4.7
0.6
0805
Murata
LQM21PN4R7
4.7
0.6
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com