Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED6001 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 9Page - STMicroelectronics ALED6001 Datasheet HTML 10Page - STMicroelectronics ALED6001 Datasheet HTML 11Page - STMicroelectronics ALED6001 Datasheet HTML 12Page - STMicroelectronics ALED6001 Datasheet HTML 13Page - STMicroelectronics ALED6001 Datasheet HTML 14Page - STMicroelectronics ALED6001 Datasheet HTML 15Page - STMicroelectronics ALED6001 Datasheet HTML 16Page - STMicroelectronics ALED6001 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID026965 Rev 2
13/26
ALED6001
Device description
26
Figure 4. Turn on and turn off waveforms
Suddenly after the pulse detection at the PWMI pin, an internal timer is enabled and
cleared. The timer starts counting down on every subsequent falling edge. If the PWMI pin is
held low for more than 10 ms (typ.), the timer is allowed to expire and the ALED6001
automatically turns off minimizing the current consumption.
The start-up time, defined as the delay between the rising edge at the PWMI pin and the first
pulse at the GATE pin, clearly depends on the bypass capacitors connected on both LDO3
and VDR pins. With a typical 1 µF MLCC for both pins, the start-up time is in the order of
100 µs.
7.2.2
Boost controller operation
The boost controller of the ALED6001 device is based on peak current mode control
architecture and can easily support boost, floating buck-boost and SEPIC topologies. The
switching frequency of the converter is set through the FSW pin (external clock source or
setting resistor toward ground) while the switching duty cycle is modulated by the control
loop in order to keep the output (LED) current constant. As a consequence, the output
voltage of the boost converter is determined by the LED string.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com