Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED6001 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 13Page - STMicroelectronics ALED6001 Datasheet HTML 14Page - STMicroelectronics ALED6001 Datasheet HTML 15Page - STMicroelectronics ALED6001 Datasheet HTML 16Page - STMicroelectronics ALED6001 Datasheet HTML 17Page - STMicroelectronics ALED6001 Datasheet HTML 18Page - STMicroelectronics ALED6001 Datasheet HTML 19Page - STMicroelectronics ALED6001 Datasheet HTML 20Page - STMicroelectronics ALED6001 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DocID026965 Rev 2
17/26
ALED6001
Device description
26
Figure 8. External synchronization signal timing diagram
7.3
LED current regulation and brightness control
The brightness of the LEDs connected at the output of the ALED6001 can be controlled by
applying the desired PWM signal at the PWMI pin. The boost controller is turned on and off
according to the duty cycle of the PWMI control signal. When the PWMI is high (and the
soft-start has been completed), the output (LED) current is regulated by keeping constant
the voltage drop across the external sensing resistor connected between the VFBP and
VFBN pins.
A buffered replica of PWMI is available at the PWMO for driving a dimming N-channel
MOSFET when superior dimming performance is required. In some applications a high-side
dimming switch could be desirable (e.g.: protection against output short-circuit to ground or
LED strings using the chassis as return) and a P-channel MOSFET can be used as shown
in Figure 9. Some additional components may be needed to avoid excessive voltage
between the gate and the source of such MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com