Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED6001 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 18Page - STMicroelectronics ALED6001 Datasheet HTML 19Page - STMicroelectronics ALED6001 Datasheet HTML 20Page - STMicroelectronics ALED6001 Datasheet HTML 21Page - STMicroelectronics ALED6001 Datasheet HTML 22Page - STMicroelectronics ALED6001 Datasheet HTML 23Page - STMicroelectronics ALED6001 Datasheet HTML 24Page - STMicroelectronics ALED6001 Datasheet HTML 25Page - STMicroelectronics ALED6001 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Device description
ALED6001
22/26
DocID026965 Rev 2
7.4.5
Thermal shutdown
The ALED6001 implements an autorestarting thermal protection in order to avoid damages
due to excessive die temperature. Once the chip temperature reaches the upper
overtemperature protection (OTP) threshold, the ongoing operation is suddenly stopped,
both the PWMO and XFAULT pins are held low and the 5 V linear regulator (VDR pin) is
turned off. As soon as the die temperature drops below the autorestarting threshold, a new
soft-start sequence takes place if the PWMI pin is still high and a 1 ms (typ.) deglitch delay
has expired.
The XFAULT pin goes low as soon as the OTP threshold is crossed and it is released once
the device temperature drops below a third threshold, lower than the restart one, in order to
provide a stable information to the host system.
Table 7. Faulty conditions management summary
Faulty condition
Detection mechanism
Consequence
1
Output rail/load disconnection
VVFBx<3.5 V
Device turning-off (latched condition).
GATE, PWMO and XFAULT pins are
forced low.
2
Open feedback (VFBP)
VVFBP - VVFBN <-120 mV
3
Open feedback (VFBN)
VVFBP - VVFBN > 600 mV
LED overcurrent
Output to GND short-circuit(1)
4
Open OVFB path
VOVFB > 1.2 V (internal pull-up)
5
Open PWMO (loss of dimming
MOSFET control)
VOVFB > 1.2 V
Output overvoltage
Power switch overcurrent
VCSNS > 360 mV
Ongoing switching cycle terminated
IC overtemperature
TJ > 160 °C (typ.)
Device turning-off (VDR off, LDO3
active).
GATE, PWMO and XFAULT pins are
forced low.
Autorestart if TJ < 140 °C (typ.) and
PWMI still high.
XFAULT pin is released
If TJ <120 °C (typ.).
1.
Output-to-ground short-circuit protection can be achieved only if the device can effectively disconnect the output by acting
on the PWMO pin (e.g.: a high-side P-channel MOSFET is used as a dimming switch).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com