Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED6001 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 16Page - STMicroelectronics ALED6001 Datasheet HTML 17Page - STMicroelectronics ALED6001 Datasheet HTML 18Page - STMicroelectronics ALED6001 Datasheet HTML 19Page - STMicroelectronics ALED6001 Datasheet HTML 20Page - STMicroelectronics ALED6001 Datasheet HTML 21Page - STMicroelectronics ALED6001 Datasheet HTML 22Page - STMicroelectronics ALED6001 Datasheet HTML 23Page - STMicroelectronics ALED6001 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Device description
ALED6001
20/26
DocID026965 Rev 2
7.4
Device protections
7.4.1
Linear regulators undervoltage lockout
Both the 5 V and 3.3 V linear regulators of the ALED6001 are equipped with an
undervoltage lockout (UVLO) protection. The UVLO protections avoid improper device
operation in case at least one of the two outputs (VDR and LDO3) is below the allowed
level. In particular, the ALED6001 performs the soft-start sequence only after both VDR and
LDO3 cross their respective upper UVLO threshold.
7.4.2
Power switch overcurrent
The current flowing through the external Power MOSFET is monitored, cycle-by-cycle, by
sensing the voltage across the shunt resistor in series with its source. If the voltage drop
exceeds the overcurrent protection (OCP) level, the ongoing switching cycle is suddenly
terminated (cycle-by-cycle Power MOSFET OCP). Normal operation is automatically
resumed once the root cause has been removed. The XFAULT pin is not affected by OCP.
As explained in Section 7.2 on page 12 the slope compensation is added by injecting
a sawtooth current at the CSNS pin. As a consequence, the OCP threshold depends on
both the slope compensation amount and the boost converter's operating point:
Equation 6
Where VCSNS,OCP = 360 mV (typ.), ISL = 50 µA (typ.) and D is the switching duty cycle.
7.4.3
Output overvoltage and OVFB pin disconnection
The output overvoltage fault detection is achieved by comparing the voltage at the OVFB
pin with an internal threshold. Because of this fault can potentially damage both the device
and the external components, a latched turn off condition is triggered once this event has
been detected. A resistor divider connected to the output of the boost converter sets the
desired OVP threshold.
The OVFB is internally pulled-up in order to protect the device against an OVFB pin
disconnection fault: if the pin is left floating, the OVP is suddenly triggered regardless of the
output voltage level. This small pull-up current (IOVFB,PU) must be taken into account when
designing an OVP output divider involving high resistance values. Equation 7 allows setting
the desired output OVP level (ROVPH and ROVPL are the two resistors of the output divider
whose central tap is connected to the OVFB pin of the ALED6001):
Equation 7
Where VTH,OVFB = 1.2 V (typ.) and IOVFB,PU = 1 µA (typ.).
Once the OVP faulty condition is detected, the ALED6001 device suddenly stops switching.
Both GATE and PWMO are forced low and the XFAULT pin is lowered. The condition is
latched and normal operation is resumed by toggling the PWMI pin (PWMI has to be low for
more than 10 ms) after the root cause has been removed.
I
MOS OCP
,
V
CSNS OCP
,
DI
SL
R
SLOPE
R
SNS
----------------------------------------------------------------------------------
=
V
OUT OVP
,
R
OVPH
R
OVPL
+
R
OVPL
-------------------------------------------VTH OVFB
,
R
OVPL
I
OVFB PU
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com