Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DWMN4TP Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95M01-DWMN4TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWMN4TP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95M01-DWMN4TP Datasheet HTML 2Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 3Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 4Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 5Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 6Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 7Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 8Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 9Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Description
M95M01-A125 M95M01-A145
6/40
DocID023214 Rev 6
1
Description
The M95M01-A125 and M95M01-A145 are 1-Mbit serial EEPROM Automotive grade
devices operating up to 145°C. They are compliant with the very high level of reliability
defined by the Automotive standard AEC-Q100 grade 0.
The devices are accessed by a simple serial SPI compatible interface running up to
16 MHz.
The memory array is based on advanced true EEPROM technology (Electrically Erasable
PROgrammable Memory). The M95M01-A125 and M95M01-A145 are byte-alterable
memories (131072 × 8 bits) organized as 512 pages of 256 bytes in which the data integrity
is significantly improved with an embedded Error Correction Code logic.
The M95M01-A125 and M95M01-A145 offer an additional Identification Page (256 bytes) in
which the ST device identification can be read. This page can also be used to store
sensitive application parameters which can be later permanently locked in read-only mode.
Figure 1. Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com