Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DWMN4TP Datasheet(PDF) 12 Page - STMicroelectronics

Part # M95M01-DWMN4TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWMN4TP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M95M01-DWMN4TP Datasheet HTML 8Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 9Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 10Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 11Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 12Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 13Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 14Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 15Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Operating features
M95M01-A125 M95M01-A145
12/40
DocID023214 Rev 6
3.4.2
Status Register and data protection
The Status Register format is shown in Table 2 and the status and control bits of the Status
Register are as follows:
Note:
Bits b6, b5, b4 are always read as 0.
WIP bit
The WIP bit (Write In Progress) is a read-only flag that indicates the Ready/Busy state of the
device. When a Write command (WRITE, WRSR, WRID, LID) has been decoded and a
Write cycle (tW) is in progress, the device is busy and the WIP bit is set to 1. When WIP=0,
the device is ready to decode a new command.
During a Write cycle, reading continuously the WIP bit allows to detect when the device
becomes ready (WIP=0) to decode a new command.
WEL bit
The WEL bit (Write Enable Latch) bit is a flag that indicates the status of the internal Write
Enable Latch. When WEL is set to 1, the Write instructions (WRITE, WRSR, WRID, LID) are
executed; when WEL is set to 0, any decoded Write instruction is not executed.
The WEL bit is set to 1 with the WREN instruction. The WEL bit is reset to 0 after the
following events:
•
Write Disable (WRDI) instruction completion
•
Write instructions (WRITE, WRSR, WRID, LID) completion including the write cycle
time tW
•
Power-up
BP1, BP0 bits
The Block Protect bits (BP1, BP0) are non-volatile. BP1,BP0 bits define the size of the
memory block to be protected against write instructions, as defined in Table 2. These bits
are written with the Write Status Register (WRSR) instruction, provided that the Status
Register is not protected (refer to “SRWD bit and W input signal”, on page 13).
Table 2. Status Register format
b7
b6
b5
b4
b3
b2
b1
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP
Status Register Write Protect
Block Protect bits
Write Enable Latch bit
Write In Progress bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com