Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DWMN4TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95M01-DWMN4TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWMN4TP Datasheet(HTML) 1 Page - STMicroelectronics

  M95M01-DWMN4TP Datasheet HTML 1Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 2Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 3Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 4Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 5Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 6Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 7Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 8Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
This is information on a product in full production.
October 2014
DocID023214 Rev 6
1/40
M95M01-A125
M95M01-A145
Automotive 1 Mbit serial SPI bus EEPROMs
with high-speed clock
Datasheet
- production data
Features
• Compatible with the Serial Peripheral Interface
(SPI) bus
• Memory array
– 1 Mbit (128 Kbytes) of EEPROM
– Page size: 256 bytes
– Write protection by block: 1/4, 1/2 or whole
memory
– Additional Write lockable Page
(Identification page)
• Extended temperature and voltage ranges
– Up to 125 °C (VCC from 2.5 V to 5.5 V)
– Up to 145 °C (VCC from 2.5 V to 5.5 V)
• High speed clock frequency
– 16 MHz for VCC ≥ 4.5 V
– 10 MHz for VCC ≥ 2.5 V
• Schmitt trigger inputs for noise filtering
• Short Write cycle time
– Byte Write within 4 ms
– Page Write within 4 ms
• Write cycle endurance
– 4 million Write cycles at 25 °C
– 1.2 million Write cycles at 85 °C
– 600 k Write cycles at 125 °C
– 400 k Write cycles at 145 °C
• Data retention
– 50 years at 125 °C
– 100 years at 25 °C
• ESD Protection (Human Body Model)
– 4000 V
• Packages
– RoHS-compliant and halogen-free
(ECOPACK2®)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
www.st.com


Similar Part No. - M95M01-DWMN4TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
More results

Similar Description - M95M01-DWMN4TP

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
SPI BUS Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
logo
STMicroelectronics
M95M01-125 STMICROELECTRONICS-M95M01-125 Datasheet
399Kb / 37P
Automotive 1-Mbit serial SPI bus EEPROM
20-Jun-2012
M95020-A125 STMICROELECTRONICS-M95020-A125 Datasheet
761Kb / 41P
Automotive 2-Kbit serial SPI bus EEPROMs
18-Feb-2016
M95040-A125 STMICROELECTRONICS-M95040-A125 Datasheet
771Kb / 41P
Automotive 4-Kbit serial SPI bus EEPROMs
16-Feb-2016
M95080-A125 STMICROELECTRONICS-M95080-A125 Datasheet
777Kb / 42P
Automotive 8-Kbit serial SPI bus EEPROMs
12-Feb-2016
M95160-A125 STMICROELECTRONICS-M95160-A125 Datasheet
776Kb / 42P
Automotive 16-Kbit serial SPI bus EEPROMs
08-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com