Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DWMN4TP Datasheet(PDF) 28 Page - STMicroelectronics

Part # M95M01-DWMN4TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWMN4TP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M95M01-DWMN4TP Datasheet HTML 24Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 25Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 26Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 27Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 28Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 29Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 30Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 31Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Application design recommendations
M95M01-A125 M95M01-A145
28/40
DocID023214 Rev 6
5.3
Cycling with Error Correction Code (ECC)
The Error Correction Code (ECC) is an internal logic function which is transparent for the
SPI communication protocol.
The ECC logic is implemented on each group of four EEPROM bytes(a). Inside a group, if a
single bit out of the four bytes happens to be erroneous during a Read operation, the ECC
detects this bit and replaces it with the correct value. The read reliability is therefore much
improved.
Even if the ECC function is performed on groups of four bytes, a single byte can be
written/cycled independently. In this case, the ECC function also writes/cycles the three
other bytes located in the same group(a). As a consequence, the maximum cycling budget is
defined at group level and the cycling can be distributed over the 4 bytes of the group: the
sum of the cycles seen by byte0, byte1, byte2 and byte3 of the same group must remain
below the maximum value defined in Table 9: Cycling performance by groups of 4 bytes.
Example1: maximum cycling limit reached with 1 million cycles per byte
Each byte of a group can be equally cycled 1 million times (at 25 °C) so that the group
cycling budget is 4 million cycles.
Example2: maximum cycling limit reached with unequal byte cycling
Inside a group, byte0 can be cycled 2 million times, byte1 can be cycled 1 million times,
byte2 and byte3 can be cycled 500,000 times, so that the group cycling budget is 4 million
cycles.
a. A group of four bytes is located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3], where N is an integer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com