Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB9NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB9NK80Z
Description  Extremely high dv/dt capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STB9NK80Z Datasheet HTML 1Page - STMicroelectronics STB9NK80Z Datasheet HTML 2Page - STMicroelectronics STB9NK80Z Datasheet HTML 3Page - STMicroelectronics STB9NK80Z Datasheet HTML 4Page - STMicroelectronics STB9NK80Z Datasheet HTML 5Page - STMicroelectronics STB9NK80Z Datasheet HTML 6Page - STMicroelectronics STB9NK80Z Datasheet HTML 7Page - STMicroelectronics STB9NK80Z Datasheet HTML 8Page - STMicroelectronics STB9NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
July 2013
DocID024491 Rev 2
1/15
15
STB9NK80Z
Automotive-grade N-channel 800 V, 1.5
Ω typ., 5.2 A
Zener-protected SuperMESH™ Power MOSFETs in D
2
PAK package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Extremely high dv/dt capability
• 100% avalanche tested
• Gate charge minimized
• Zener-protected
• Very low intrinsic capacitances
Applications
• Switching application
Description
This device is an N-channel Zener-protected
Power MOSFET developed using
STMicroelectronics' SuperMESH™ technology,
achieved through optimization of ST's well
established strip-based PowerMESH™ layout. In
addition to a significant reduction in on-
resistance, this device is designed to ensure a
high level of dv/dt capability for the most
demanding applications.
D2PAK
1
3
TAB
AM01476v1
Type
VDS
(@Tjmax)
RDS(on)
max.
ID
STB9NK80Z
800V
1.8
Ω
5.2A
Table 1. Device summary
Order codes
Marking
Package
Packaging
STB9NK80Z
B9NK80Z
D²PAK
Tape and reel
www.st.com


Similar Part No. - STB9NK80Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB9NK80Z ISC-STB9NK80Z Datasheet
579Kb / 5P
N-Channel MOSFET
More results

Similar Description - STB9NK80Z

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
Extremely high dv/dt capability
SSF4N60 SILIKRON-SSF4N60 Datasheet
654Kb / 6P
Extremely high dv/dt capability
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
Extremely high dv/dt capability
SSF8N60 SILIKRON-SSF8N60 Datasheet
440Kb / 6P
Extremely high dv/dt capability
SSF8N65 SILIKRON-SSF8N65 Datasheet
439Kb / 6P
Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
Extremely high dv/dt ruggedness
10-Sep-2015
STFI10NK60Z STMICROELECTRONICS-STFI10NK60Z Datasheet
530Kb / 13P
Extremely high dv/dt capability
19-Mar-2012
STW70N60DM2 STMICROELECTRONICS-STW70N60DM2 Datasheet
724Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
STB6N52K3 STMICROELECTRONICS-STB6N52K3 Datasheet
1Mb / 22P
Extremely high dv/dt capability
21-Feb-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com