Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB9NK80Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB9NK80Z
Description  Extremely high dv/dt capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NK80Z Datasheet(HTML) 5 Page - STMicroelectronics

  STB9NK80Z Datasheet HTML 1Page - STMicroelectronics STB9NK80Z Datasheet HTML 2Page - STMicroelectronics STB9NK80Z Datasheet HTML 3Page - STMicroelectronics STB9NK80Z Datasheet HTML 4Page - STMicroelectronics STB9NK80Z Datasheet HTML 5Page - STMicroelectronics STB9NK80Z Datasheet HTML 6Page - STMicroelectronics STB9NK80Z Datasheet HTML 7Page - STMicroelectronics STB9NK80Z Datasheet HTML 8Page - STMicroelectronics STB9NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID024491 Rev 2
5/15
STB9NK80Z
Electrical characteristics
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
I
SDM
(1)
1.
Pulsed: pulse duration=300μs, duty cycle 1.5%
Source-drain current
Source-drain current (pulsed)
-
5.2
20.8
A
A
V
SD
(2)
2.
Pulse width limited by safe operating area
Forward on voltage
I
SD
= 5.2 A, V
GS
= 0
-
1.6
V
t
rr
Reverse recovery time
I
SD
= 5.2 A, di/dt = 100
A/μs
V
DD
= 50 V, Tj = 150°C
(see
Figure 20)
-
530
ns
Q
rr
Reverse recovery charge
-
3.31
μC
I
RRM
Reverse recovery current
-
12.5
A
Table 8. Gate-source zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR) GSO
Gate-source breakdown voltage
I
D
= 0
I
GS
= ± 1mA
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com