Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB9NK80Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB9NK80Z
Description  Extremely high dv/dt capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NK80Z Datasheet(HTML) 3 Page - STMicroelectronics

  STB9NK80Z Datasheet HTML 1Page - STMicroelectronics STB9NK80Z Datasheet HTML 2Page - STMicroelectronics STB9NK80Z Datasheet HTML 3Page - STMicroelectronics STB9NK80Z Datasheet HTML 4Page - STMicroelectronics STB9NK80Z Datasheet HTML 5Page - STMicroelectronics STB9NK80Z Datasheet HTML 6Page - STMicroelectronics STB9NK80Z Datasheet HTML 7Page - STMicroelectronics STB9NK80Z Datasheet HTML 8Page - STMicroelectronics STB9NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID024491 Rev 2
3/15
STB9NK80Z
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
800
V
V
GS
Gate- source voltage
± 30
V
I
D
Drain current (continuous) at T
C
= 25 °C
5.2
A
I
D
Drain current (continuous) at T
C
= 100 °C
3.3
A
I
DM
(1)
1.
Pulse width limited by junction temperature.
Drain current (pulsed)
20.8
A
P
TOT
Total dissipation at T
C
= 25°C
125
W
Derating factor
1
W/°C
ESD
Gate-source human body model (C = 100 pF, R = 1.5 k
Ω)4
kV
dv/dt
(2)
2.
I
SD
≤ 5.2 A, di/dt ≤ 200 A/μs, V
DD
≤ V
(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
T
j
T
stg
Max operating junction temperature
Storage temperature
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
1
°C/W
R
thj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
I
AR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
5.2
A
E
AS
Single pulse avalanche energy
(starting T
J
= 25 °C, I
D
= I
AR
, V
DD
= 50 V)
210
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com