Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB9NK80Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB9NK80Z
Description  Extremely high dv/dt capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NK80Z Datasheet(HTML) 4 Page - STMicroelectronics

  STB9NK80Z Datasheet HTML 1Page - STMicroelectronics STB9NK80Z Datasheet HTML 2Page - STMicroelectronics STB9NK80Z Datasheet HTML 3Page - STMicroelectronics STB9NK80Z Datasheet HTML 4Page - STMicroelectronics STB9NK80Z Datasheet HTML 5Page - STMicroelectronics STB9NK80Z Datasheet HTML 6Page - STMicroelectronics STB9NK80Z Datasheet HTML 7Page - STMicroelectronics STB9NK80Z Datasheet HTML 8Page - STMicroelectronics STB9NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STB9NK80Z
4/15
DocID024491 Rev 2
2
Electrical characteristics
(T
CASE
= 25 °C unless otherwise specified)
Table 5. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
Breakdown voltage
I
D
=1 mA, V
GS
= 0
800
V
I
DSS
Zero gate voltage
Drain Current (V
GS
= 0)
V
DS
= 800 V
V
DS
= 800 V, T
C
= 125 °C
1
50
μA
μA
I
GSS
Gate-body leakage
Current (V
DS
= 0)
V
GS
= ± 20 V
± 10
μA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 100 μA
3
3.75
4.5
V
R
DS(on)
Static drain-source on
resistance
V
GS
= 10 V, I
D
= 2.6 A
1.5
1.8
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
g
fs
(1)
1.
Pulsed: pulse duration=300μs, duty cycle 1.5%
Forward transconductance
V
DS
= 15 V, I
D
= 2.6 A
-
5
-
S
C
iss
Input capacitance
V
DS
= 25 V, f = 1 MHz,
V
GS
= 0
-1138
-
pF
C
oss
Output capacitance
-
122
-
pF
C
rss
Reverse transfer
capacitance
-25
-
pF
C
oss eq.
(2)
2.
C
oss eq.
is defined as a constant equivalent capacitance giving the same charging time as C
oss
when V
DS
increases from 0 to 80% V
DSS
.
Equivalent output
capacitance
V
DS
=0 , V
DS
= 0 to 640 V
-
50
-
pF
t
d(on)
Turn-on delay time
V
DD
= 400 V, I
D
= 2.6 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see
Figure 15)
-20
-
ns
t
r
Rise time
-
12
-
ns
t
r(off)
Turn-off delay time
-
45
-
ns
t
r
Fall time
-
22
-
ns
Q
g
Total gate charge
V
DD
= 640 V, I
D
= 2.6 A,
V
GS
= 10 V
(see
Figure 16)
-40
-
nC
Q
gs
Gate-source charge
-
7
-
nC
Q
gd
Gate-drain charge
-
2.1
-
nC
t
r(Voff)
Off-voltage rise time
V
DD
= 640 V, I
D
= 2.6 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see
Figure 15)
-12
-
ns
t
r
Fall time
-
10
-
ns
t
c
Cross-over time
-
20
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com