Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP112-FUDJ6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STBP112-FUDJ6F
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-FUDJ6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STBP112-FUDJ6F Datasheet HTML 2Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 3Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 4Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 5Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 6Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 7Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 8Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 9Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Description
STBP112
6/38
Doc ID 023357 Rev 3
1
Description
The STBP112 device provides overvoltage protection for input voltage up to +28 V. Its low
RDS(on) N-channel MOSFET switch protects the systems connected to the OUT pin against
failures of the DC power supplies in accordance with the China MII Communications
Standard YD/T 1591-2006.
In the event of an input overvoltage condition, the device immediately disconnects the DC
power supply by turning off an internal low RDS(on) N-channel MOSFET to prevent damage
to protected components.
In addition, the device also monitors its own junction temperature and switches off the
internal MOSFET if the junction temperature exceeds the specified limit.
The device can be controlled by the microcontroller and can also provide status information
about fault conditions.
The STBP112 is offered in a small, RoHS-compliant 8-lead TDFN (2 mm x 2 mm) package.
Figure 1.
Logic diagram
Figure 2.
Pinout
1.
Exposed thermal pad may be tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com