Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP112-FUDJ6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STBP112-FUDJ6F
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-FUDJ6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STBP112-FUDJ6F Datasheet HTML 14Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 15Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 16Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 17Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 18Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 19Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 20Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 21Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Typical operating characteristics
STBP112
18/38
Doc ID 023357 Rev 3
Figure 17.
Soft-start performance for 10
μF capacitive load
1.
Output load is 10 µF in parallel with 5
Ω.
Figure 18.
Soft-start performance for 100
μF capacitive load
1.
Output load is 100 µF in parallel with 5
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com