Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP112-FUDJ6F Datasheet(PDF) 28 Page - STMicroelectronics

Part # STBP112-FUDJ6F
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-FUDJ6F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STBP112-FUDJ6F Datasheet HTML 24Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 25Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 26Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 27Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 28Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 29Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 30Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 31Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Application information
STBP112
28/38
Doc ID 023357 Rev 3
8
Application information
8.1
Calculating the power dissipation
The worst case power dissipation of the STBP112 internal power MOSFET can be
calculated using the following formula:
Equation 1
PD = ILOAD
2 x R
DS(on)(max),
where ILOAD is the load current and RDS(on)(max) is the maximum value of MOSFET
resistance.
Example 1
VIN = 5 V, RLOAD = 5 Ω, RDS(on)(max) = 280 mΩ
ILOAD = VIN / (RDS(on)(max) + RLOAD) = 5 / (5 + 0.280) = 0.95 A
PD = 0.95
2 x 0.28 = 0.25 W
The power dissipation of the reverse diode in powering accessories mode can be estimated
as PD = (VOUT - VIN) x IREVERSE ≈ 0.7 x IREVERSE.
8.2
Calculating the junction temperature
The maximum junction temperature for given power dissipation, ambient temperature, and
thermal resistance junction-to-ambient can be calculated as:
Equation 2
TJ = TA + 1.15 x PD x RthJA = TA + 1.15 x ILOAD
2 x R
DS(on)(max) x RthJA,
where TJ is junction temperature, TA is given ambient temperature, 1.15 is a derating factor,
and RthJA is a junction-to-ambient thermal resistance, depending on PCB design. The
junction temperature may not exceed 125 °C (see Table 4) to stay within the specified range.
Maximum allowed MOSFET current for ambient temperature TA = 85 °C and various RthJA
values are listed in Figure 9 on page 14.
Example 2
For conditions listed in the previous example, with a well designed PCB (ensuring
RthJA = 59 °C/W) and TA = 85 °C, the maximum junction temperature is:
Equation 3
TJ = 85 + 1.15 x 0.25 x 59 = 102 °C,
which is a safe value (below 125 °C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com