Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP112-FUDJ6F Datasheet(PDF) 25 Page - STMicroelectronics

Part # STBP112-FUDJ6F
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-FUDJ6F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STBP112-FUDJ6F Datasheet HTML 21Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 22Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 23Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 24Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 25Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 26Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 27Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 28Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
STBP112
Maximum rating
Doc ID 023357 Rev 3
25/38
6
Maximum rating
Stressing the device above the rating listed in Table 2 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in Section 3 on page 10 of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics™ SURE program and other relevant
documentation.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VIN off)
-55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
TJ
Operating junction temperature range (internally limited to Toff)
-40 to 150
°C
VIN
IN pin input voltage
-0.3 to 30
V
VOUT
OUT pin input/output voltage
-0.3 to 12
V
VIO
Input/output voltage (other pins)
-0.3 to 7
V
ILOAD
Load current (IN to OUT)
TA ≤ 50 °C
2000
mA
TA = 85 °C
1500
mA
IREVERSE
Reverse diode current (OUT to IN)
500
mA
ISINK(FLT)
FLT pin sink current
15
mA
VESD
ESD withstand voltage (IEC 61000-4-2, IN pin only)(2)
2.
System-level value (see typical application circuit, C1
≥ 1 µF low ESR ceramic capacitor).
±15 (air),
±8 (contact)
kV
Human body model (HBM), model = 2(3)
3.
Human body model, 100 pF discharged through a 1.5 k
Ω resistor according to the JESD22/A114
specification.
2000
V
Machine model (MM), model = B(4)
4.
Machine model, 200 pF discharged through all pins according to the JESD22/A115 specification.
200
V
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance (junction-to-ambient)
59(1)
1.
The package was mounted on a 4-layer JEDEC test board with 2 thermal vias connecting from the thermal
land to the first buried plane. The 4-layer PCB (2S2P) was constructed based on JESD 51-7 specifications
and vias based on JESD 51-5.
°C/W
RthJC
Thermal resistance (junction-to-case)
5.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com