Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH320N4F6-2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STH320N4F6-2
Description  N-channel 40 V, 1.1 mΩ typ., 200 A, H²PAK-2, H²PAK-6 STripFET™ VI DeepGATE™ Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH320N4F6-2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STH320N4F6-2 Datasheet HTML 3Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 4Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 5Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 6Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 7Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 8Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 9Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 10Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STH320N4F6-2, STH320N4F6-6
Electrical characteristics
Doc ID 024221 Rev 1
7/19
Figure 8.
Capacitance variations
Figure 9.
Drain-source diode forward
characteristics
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on-resistance vs
temperature
Figure 12.
Normalized BVDSS vs temperature
C
6100
4100
2100
100
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40
8100
10100
12100
14100
16100
AM15611v1
VSD
0
40
ISD(A)
(V)
20
60
80
0.3
0.35
0.4
0.45
0.5
0.55
TJ=-55°C
TJ=25°C
TJ=175°C
0.6
0.65
0.7
0.75
0.8
AM15612v1
VGS(th)
0.6
0.4
0.2
0
-75
-25
TJ(°C)
(norm)
-50
0.8
0
1
ID=250 µA
1.2
75
50
100
25
125 150
AM15613v1
RDS(on)
0.6
0.4
0
TJ(°C)
(norm)
0.2
-75
0
-50
75
-25
50
100
25
125
0.8
150
1
1.2
1.4
1.6
1.8
VGS=10V
ID=80A
AM15614v1
VDS
-75
0
TJ(°C)
(norm)
-50
75
-25
50
100
0.92
0.94
0.96
0.98
1
1.02
ID = 1mA
25
125
1.04
1.06
150
1.08
1.1
AM15615v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com