Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH320N4F6-2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STH320N4F6-2
Description  N-channel 40 V, 1.1 mΩ typ., 200 A, H²PAK-2, H²PAK-6 STripFET™ VI DeepGATE™ Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH320N4F6-2 Datasheet(HTML) 4 Page - STMicroelectronics

  STH320N4F6-2 Datasheet HTML 1Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 2Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 3Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 4Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 5Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 6Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 7Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 8Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
STH320N4F6-2, STH320N4F6-6
4/19
Doc ID 024221 Rev 1
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
(VGS= 0)
ID = 250 µA
40
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 40 V,
VDS = 40 V, TC=125 °C
1
100
µA
µA
IGSS
Gate body leakage
current (VDS = 0)
VGS = ± 20 V
± 100
nA
VGS(th)
Gate threshold voltage VDS= VGS, ID = 250 µA
24
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 80 A
1.1
1.3
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 15 V, f = 1 MHz, VGS =0
-
13800
1870
1095
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 20 V, ID= 160 A,
VGS= 10 V
(see Figure 14)
-
240
59
75.2
-
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 20 V, ID = 80 A
RG= 4.7 Ω, VGS= 10 V,
(see Figure 13)
-
28
98
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
-
190
95
-
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com