Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH320N4F6-2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STH320N4F6-2
Description  N-channel 40 V, 1.1 mΩ typ., 200 A, H²PAK-2, H²PAK-6 STripFET™ VI DeepGATE™ Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH320N4F6-2 Datasheet(HTML) 5 Page - STMicroelectronics

  STH320N4F6-2 Datasheet HTML 1Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 2Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 3Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 4Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 5Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 6Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 7Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 8Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STH320N4F6-2, STH320N4F6-6
Electrical characteristics
Doc ID 024221 Rev 1
5/19
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISD
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
-
200
800
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 80 A, VGS = 0
-1.1
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 160 A,di/dt = 100 A/µs
VDD = 32 V, Tj = 25 °C
(see Figure 15)
-
58.7
99.2
3.38
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com