Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH320N4F6-2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STH320N4F6-2
Description  N-channel 40 V, 1.1 mΩ typ., 200 A, H²PAK-2, H²PAK-6 STripFET™ VI DeepGATE™ Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH320N4F6-2 Datasheet(HTML) 3 Page - STMicroelectronics

  STH320N4F6-2 Datasheet HTML 1Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 2Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 3Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 4Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 5Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 6Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 7Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 8Page - STMicroelectronics STH320N4F6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STH320N4F6-2, STH320N4F6-6
Electrical ratings
Doc ID 024221 Rev 1
3/19
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
The value is rated according Rthj-c, current limited by package.
Drain current (continuous) at TC = 25 °C
200
A
ID
(1)
Drain current (continuous) at TC = 100 °C
200
A
IDM
(2)
2.
Pulse is rated according SOA.
Drain current (pulsed)
800
A
PTOT
Total dissipation at TC = 25 °C,
300
W
Derating factor
2
W/°C
IAV
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
160
A
EAS
Single pulse avalanche energy
(starting TJ=25 °C, ID=IAV, VDD=35 V)
1100
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.5
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch2 FR-4 2 oz Cu.
Thermal resistance junction-pcb max
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com