Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L45AF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3L45AF
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L45AF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3L45AF Datasheet HTML 1Page - STMicroelectronics STPS3L45AF Datasheet HTML 2Page - STMicroelectronics STPS3L45AF Datasheet HTML 3Page - STMicroelectronics STPS3L45AF Datasheet HTML 4Page - STMicroelectronics STPS3L45AF Datasheet HTML 5Page - STMicroelectronics STPS3L45AF Datasheet HTML 6Page - STMicroelectronics STPS3L45AF Datasheet HTML 7Page - STMicroelectronics STPS3L45AF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS3L45AF
2/8
DocID024949 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.36 x IF(AV) + 0.05 IF
2
(RMS)
Table 2. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Test conditions
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(AV)
Average forward current
TL = 120 °C δ = 0.5
3
A
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal
75
A
PARM
(1)
1.
For pulse time duration deratings, please refer to Figure 4. More details regarding the avalanche energy
measurements and diode validation in the avalanche are provided in the STMicroelectronics Application
notes AN1768, “Admissible avalanche power of Schottky diodes” and AN2025, “Converter improvement
using Schottky rectifier avalanche specification”.
Repetitive peak avalanche power
tp = 10 µs Tj = 125 °C
70
W
VARM
(2)
2.
Refer to Figure 11
Maximum repetitive peak
avalanche voltage
tp < 10 µs, Tj < 125 °C, IAR < 1.4 A
50
V
VASM
(2)
Maximum single pulse peak
avalanche voltage
tp < 10 µs, Tj < 125 °C, IAR < 1.4 A
50
V
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature (3)
3.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Thermal resistance junction to lead
15
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs, δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
80
300
µA
Tj = 125 °C
66
135
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 3 A
0.462
0.57
V
Tj = 125 °C
0.41
0.51
dP tot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com