Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L45AF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3L45AF
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L45AF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3L45AF Datasheet HTML 1Page - STMicroelectronics STPS3L45AF Datasheet HTML 2Page - STMicroelectronics STPS3L45AF Datasheet HTML 3Page - STMicroelectronics STPS3L45AF Datasheet HTML 4Page - STMicroelectronics STPS3L45AF Datasheet HTML 5Page - STMicroelectronics STPS3L45AF Datasheet HTML 6Page - STMicroelectronics STPS3L45AF Datasheet HTML 7Page - STMicroelectronics STPS3L45AF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
February 2014
DocID024949 Rev 2
1/8
STPS3L45AF
Power Schottky rectifier
Datasheet
- production data
Features
• Negligible switching losses
• Low thermal resistance
• Low forward voltage drop
• Avalanche capability specified
Description
Schottky rectifier suited for switched mode power
supplies and high frequency DC to DC
converters. Packaged in a tiny SMAflat package,
this device has been optimized for use in compact
chargers.
Figure 1. Electrical characteristics(a)
SMAflat (non exposed pad)
STPS3L45AF
K
A
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 11. VAR and IAR are
pulse measurements (tp < 10 µs). VR, IR, VRRM and
VF, are static characteristics
Table 1. Device summary
Symbol
value
IF(AV)
3 A
VRRM
45 V
Tj (max)
150 °C
VF(typ)
0.462 V
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
www.st.com


Similar Part No. - STPS3L45AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3L40 STMICROELECTRONICS-STPS3L40 Datasheet
99Kb / 8P
Power Schottky rectifier
08-Feb-2007
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS3L40S STMICROELECTRONICS-STPS3L40S Datasheet
46Kb / 4P
POWER SCHOTTKY RECTIFIER
Apr-2000
STPS3L40S STMICROELECTRONICS-STPS3L40S Datasheet
99Kb / 8P
Power Schottky rectifier
08-Feb-2007
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
More results

Similar Description - STPS3L45AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com