Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L45AF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3L45AF
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L45AF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3L45AF Datasheet HTML 1Page - STMicroelectronics STPS3L45AF Datasheet HTML 2Page - STMicroelectronics STPS3L45AF Datasheet HTML 3Page - STMicroelectronics STPS3L45AF Datasheet HTML 4Page - STMicroelectronics STPS3L45AF Datasheet HTML 5Page - STMicroelectronics STPS3L45AF Datasheet HTML 6Page - STMicroelectronics STPS3L45AF Datasheet HTML 7Page - STMicroelectronics STPS3L45AF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS3L45AF
4/8
DocID024949 Rev 2
Figure 8. Forward voltage drop versus forward
current (typical values)
Figure 9. Forward voltage drop versus forward
current (maximum values)
IF(A)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V(V)
F
T = 125°C
j
T = 25°C
j
0.1
1.0
10.0
100.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
V(V)
F
T = 25°C
j
T = 125°C
j
IF(A)
Figure 10. Thermal resistance junction to
ambient versus copper surface under each lead
(typical values)
Figure 11. Reverse safe operating area
(tp <10µs and Tj < 125 °C)
Rth(j-a)(°C/W)
0
50
100
150
200
0
1
23
45
SCU(cm²)
Epoxy printed board FR4, copper thickness Cu = 35 µm
0,6
0,8
1,0
1,2
1,4
1,6
45
55
65
75
85
95
Varm (V)
Iarm (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com