Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L45AF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3L45AF
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L45AF Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3L45AF Datasheet HTML 1Page - STMicroelectronics STPS3L45AF Datasheet HTML 2Page - STMicroelectronics STPS3L45AF Datasheet HTML 3Page - STMicroelectronics STPS3L45AF Datasheet HTML 4Page - STMicroelectronics STPS3L45AF Datasheet HTML 5Page - STMicroelectronics STPS3L45AF Datasheet HTML 6Page - STMicroelectronics STPS3L45AF Datasheet HTML 7Page - STMicroelectronics STPS3L45AF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID024949 Rev 2
3/8
STPS3L45AF
Characteristics
8
Figure 2. Average forward power dissipation
versus average forward current
Figure 3. Average forward current versus
ambient temperature (
δ = 0.5)
PF(AV)(W)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
d=tp/T
tp
d = 0.05
d =1
d =0.5
d =0.2
d =0.1
IF(AV)(A)
IF(AV)(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
Tamb(°C)
Rth(j-a) = Rth(j-l)
T
d=tp/T
tp
Figure 4. Normalized avalanche power derating
versus pulse duration
Figure 5. Relative variation of thermal
impedance junction to lead versus pulse
duration
0,001
0,01
0,1
1
1
10
100
1000
tP µs
()
Parm tp /Parm 10µs
()
(
)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
Zth(j- )/Rth(j- )
ll
tp(s)
Figure 6. Reverse leakage current versus
reverse voltage applied (typical values)
Figure 7. Junction capacitance versus reverse
voltage applied (typical values)
IR(mA)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
5
10
15
20
25
30
35
40
45
VR(V)
Tj = 25°C
Tj = 25°C
Tj = 50°C
Tj = 75°C
Tj = 125°C
Tj = 100°C
Tj = 150°C
C(pF)
10
100
1000
1
10
100
VR(V)
F = 1MHz
VOSC = 30mVRMS
Tj = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com